Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSF12 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RSF12
Description  Lower-cost alternative to carbon comps and wirewounds
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RSF12 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RSF12 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSF12 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSF12 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSF12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev Date: 03/12/2014
4
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSF/RSMF Series
General Purpose Metal Oxide Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
R
S
F
1
2
J
T
R
4
7
0
Size
RSF
12
Code
Tol
Value
Code
Quantity
RSMF
1
F
1%
E96
5,000
PRSF(1)
2
G
2%
3
J
5%
5
500
5,000
2,000
500
B
1,000
Resistance Value
RSMF12
10.2 Kohm = 10K2
33.2 ohm = 33R2
RSF12; RSMF1
1 Mohm = 1M00
RSF5
2,500
1,000
Power
A
Ammo
Packaging
T
Tape and Reel
RSF1, RSF2,
RSMF2, RSMF3
1,000
RSF3, RSF5, RSMF5
Bulk
All Sizes
(1) For packaging information see
Radial Leaded Packaging Spec page
Metal Oxide
Mini
Panasert
5W
0.5W
RSMF12
3W
1W
E24
RSF12, RSF1
RSMF1, RSMF2
RSF2, RSMF3
RSF3, RSMF5
2W
Four characters with
the multiplier used as
the decimal holder.
0.22 ohm = R220
Description
Size
Product Series
Tolerance
Nominal
Resistance
0.47
Type
Description
Code Wattage
Tolerance
Values
Types
Qty
Description
Code
RSF
Metal Oxide
1/2
0.5W
1%
E96
RSMF12
5,000
RSMF
Mini
1
1W
2%
E24
PRSF (1)
Panasert
2
2W
5%
E24
3
3W
RSF2, RSMF3
5
5W
RSF3, RSMF5
RSF5
500
RSMF12
5,000
(1) For packaging information see Radial Leaded Packaging Spec page
RSF12, RSMF1
2,000
RSF3, RSF5, RSMF5
500
All
1,000
Bulk
A
Packaging
R
Tape and Reel
R
Ammo
T
2,500
RSF12, RSMF1, RSF1,
RSMF2
1,000
RSF1, RSF2,
RSMF2, RSMF3
1,000
RS
SEI Type
Code
1/2
Tolerance
5%
Legacy Part Number (before January 3, 2011):
How to Order


Similar Part No. - RSF12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSF12 ETC2-RSF12 Datasheet
205Kb / 4P
   General Purpose Metal Oxide Resistor
logo
Stackpole Electronics, ...
RSF12 SEI-RSF12 Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
logo
Cynergy3 Co
RSF124 CYNERGY3-RSF124 Datasheet
542Kb / 1P
   Miniature Horizontal
More results

Similar Description - RSF12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSMF1JTR510 ETC2-RSMF1JTR510 Datasheet
205Kb / 4P
   Lower-cost alternative to carbon comps and wirewounds
logo
DB Lectro Inc
1E-12G DBLECTRO-1E-12G Datasheet
598Kb / 2P
   A low cost alternative to memory inspection systems.
logo
RFHIC
AE510 RFHIC-AE510 Datasheet
1Mb / 6P
   Lower manufacturing cost
AE512 RFHIC-AE512 Datasheet
1Mb / 6P
   Lower manufacturing cost
logo
Ferroxcube Internationa...
4S2F FERROXCUBE-4S2F Datasheet
1Mb / 6P
   The cost effective EMI suppression alternative
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
   International Standards at Lower Cost and Better Performance
logo
Bel Fuse Inc.
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
logo
TT Electronics.
DIV23 TTELEC-DIV23 Datasheet
510Kb / 3P
   Superior alternative to matched sets
logo
Welwyn Components Limit...
PLO WELWYN-PLO Datasheet
189Kb / 1P
   Low Resistance Power Wirewounds
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com