Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE5L60U Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # DE5L60U
Description  Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DE5L60U Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  DE5L60U Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DE5L60U Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DE5L60U Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DE5L60U Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
外形図については新電元Webサイトをご参照下さい。捺印表示については捺
印仕様をご確認下さい。
Fordet
ai
l
soft
heout
l
i
nedi
mensi
ons,r
ef
ert
oourweb si
t
e.Asf
ort
he
mar
ki
ng,r
ef
ert
ot
hespeci
f
i
cat
i
on"Mar
ki
ng,Ter
mi
nalConnect
i
on".
J532-P2010.
06〉)
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
Uni
t
:mm
DE5L60U
600V5.
0A
■外観図 OUTLI
NE
Package:Epack
6.6
5L6U
Type No.
品名略号
00
00
Date code
ロット記号(例)
Control No.
管理番号(例)
2.65
N.C.
①③
単位
Uni
t
規格値
Rat
i
ngs
条 件
Condi
t
i
ons
記号
Symbol
I
t
em
-55~150
Tstg
保存温度
St
or
ageTemper
at
ur
e
150
Tj
接合部温度
Oper
at
i
onJunct
i
onTemper
at
ur
e
V
600
VRM
せん頭逆電圧
Maxi
mum Rever
seVol
t
age
A
5.
0
50Hz正弦波,抵抗負荷,Tc=91℃
50Hzsi
newave,Resi
st
ancel
oad,Tc=91˚
C
Io
出力電流
Aver
ageRect
i
f
i
edFor
war
dCur
r
ent
A
60
50Hz正弦波,非繰り返し1サイクルせん頭値,Tj=25℃
50Hzsi
newave,Non-
r
epet
i
t
i
ve1cycl
epeakval
ue,Tj
=25˚
C
IFSM
せん頭サージ順電流
PeakSur
geFor
war
dCur
r
ent
■定格表 RATI
NGS
●絶対最大定格 Absol
ut
eMaxi
mum Rat
i
ngs
指定のない場合 Tc=25℃)
V
MAX
3.
0
パルス測定
Pul
semeasur
ement
IF=5.
0A,
VF
順電圧
For
war
dVol
t
age
μA
MAX
25
パルス測定
Pul
semeasur
ement
VR=600V,
IR
逆電流
Rever
seCur
r
ent
ns
MAX
25
IF=0.
5A,IR=1.
0A
trr
逆回復時間
Rever
seRecover
yTi
me
pF
TYP
30
f=1MHz,VR=10V
Cj
接合容量
Junct
i
onCapaci
t
ance
℃/W
MAX
4.
0
接合部・ケース間
Junct
i
ont
ocase
θjc
熱抵抗
Ther
malResi
st
ance
●電気的・熱的特性 El
ect
r
i
calChar
act
er
i
st
i
cs
指定のない場合 Tc=25℃)
特長
SMD
高耐圧
t
r
r25ns
Feat
ur
e
SMD
Hi
ghVol
t
age
t
r
r
=25ns
Si
ngl
e
FastRecoveryDi
ode


Similar Part No. - DE5L60U

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DE5L60 SHINDENGEN-DE5L60 Datasheet
702Kb / 6P
   Super Fast Recovery Rectifiers
DE5L60A SHINDENGEN-DE5L60A Datasheet
146Kb / 4P
   FastRecoveryDiode
More results

Similar Description - DE5L60U

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com