Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPTB15 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UPTB15
Description  5V-48V Small Footprint, Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPTB15 Datasheet(HTML) 2 Page - Microsemi Corporation

  UPTB15 Datasheet HTML 1Page - Microsemi Corporation UPTB15 Datasheet HTML 2Page - Microsemi Corporation UPTB15 Datasheet HTML 3Page - Microsemi Corporation UPTB15 Datasheet HTML 4Page - Microsemi Corporation UPTB15 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RF01103, Rev. A (4/5/13)
©2013 Microsemi Corporation
Page 2 of 5
UPT5e3 – UPT48e3, UPT5Re3 – UPT48Re3
and UPTB5e3 – UPTB48e3
MECHANICAL and PACKAGING
• CASE: Void-free transfer molded thermosetting epoxy compound meeting UL94V-0.
• TERMINALS: Annealed matte-tin plating over copper and readily solderable per MIL-STD-750, method 2026.
• MARKING:
Anode to TAB 1: T plus the last two digits of part number underlined, e.g. UPT5e3 is T05
▪, UPT12e3 is T12▪
Cathode to TAB1: U plus last two digits of part number underlined, e.g. UPT5Re3 is
U05▪, UPT12Re3 is U12▪
Bipolar: B plus the last two digits of part number underlined, e.g. UPTB8e3 is B08
▪, UPTB12e3 is B12▪, etc.
Please note dot suffix (for e3 suffix)
• POLARITY: Cathode or anode to TAB 1 (bottom) as described in marking above and on last page.
• TAPE & REEL option: Standard per EIA-481-B using 12 mm tape. Consult factory for quantities.
• WEIGHT: Approximately 0.016 gram.
• See package dimensions on last page.
PART NOMENCLATURE
Applicable to unidirectional UPT5e3 – UPT48e3, UPT5Re3 – UPT48Re3 only:
UPT 8
R
(e3)
Powermite
Rated Standoff
Voltage
RoHS Compliance
e3 = RoHS Compliant
Blank = non-RoHS Compliant
Polarity
Blank = Anode to Case Bottom
R = Cathode to Case Bottom
Applicable to bidirectional UPTB5e3 – UPTB48e3 only:
UPT
B
8
(e3)
Powermite
Bi-directional
RoHS Compliance
e3 = RoHS Compliant
Blank = non-RoHS Compliant
Rated Standoff Voltage
SYMBOLS & DEFINITIONS
Symbol
Definition
V(BR)
Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VWM
Working Peak Standoff Voltage: The maximum peak voltage that can be applied over the operating temperature
range.
PPP
Peak Pulse Power: The peak power that can be applied for a specified pulse width and waveform.
ID
Standby Current: The maximum current that will flow at the specified voltage and temperature.
IPP
Peak Pulse Current: The peak current that can be applied for a specified pulse width and waveform.
C
Capacitance: The capacitance in picofarads of the TVS as defined @ 0 volts at a frequency of 1 MHz.


Similar Part No. - UPTB15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPTB15 MICROSEMI-UPTB15 Datasheet
156Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - UPTB15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MUPT5E3 MICROSEMI-MUPT5E3 Datasheet
458Kb / 5P
   5V – 48V Powermite1, Surface Mount Transient Voltage Suppressors
Rev. B
logo
UN Semiconducctor INC
4.0SMF UNSEMI-4.0SMF Datasheet
3Mb / 6P
   3.3 To 48V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com