Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1VL15C Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # G1VL15C
Description  SMD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

G1VL15C Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  G1VL15C Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd G1VL15C Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd G1VL15C Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd G1VL15C Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDAC
®
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
Z314-
P
(2010.
06
絶対最大定格 Absol
ut
eMaxi
mum Rat
i
ngs(指定のない場合 Tl=25℃ /Unl
essotherwi
sespeci
fi
ed)
単位
Uni
t
規 格 値
Rat
i
ngs
Condi
t
i
ons
記号
Symbol
I
t
em
-40~125
Tstg
保存温度
St
or
ageTemper
at
ur
e
125
Tj
接合部温度
Oper
at
i
ngJunct
i
onTemper
at
ur
e
V
120
VDRM(A)
せん頭オフ電圧
Maxi
mum Of
f
-
st
at
eVol
t
age
A
1
Tl=98℃,50Hz正弦波,導通角θ=180°
Tl=98℃,50Hzsinewave,θ=180°
IT
実効電流
RMSOn-
st
at
eCur
r
ent
A
280
f=5Hz
Ta=25℃,パルス幅 10μs,正弦波
Ta=25℃,pul
sewi
dt
ht
o=10μs,
si
newave
ITRM
せん頭パルス電流
Pul
seOn-
st
at
eCur
r
ent
120
f=60Hz
A/
μs
150
di
T
/dt
オン電流上昇率
Cr
i
t
i
calRat
eofRi
seofOn-
st
at
eCur
r
ent
外形図 Outl
i
ne
Anode mark
アノードマーク
5
①②
Control No.
管理番号(例)
ロット記号(例)
Type No.
品名略号
Date code
G1VL15C
電気的・熱的特性 El
ect
r
i
calChar
act
er
i
st
i
cs(指定のない場合 Tl=25℃ /Unl
essotherwi
sespeci
fi
ed)
単位
Uni
t
規格値
Rat
i
ngs
Condi
t
i
ons
記号
Symbol
I
t
em
V
142~157
パルス測定 dv/dt=4V/ms
Pul
semeasur
ementdv/dt
=4V/ms
VBO(A)
ブレークオーバー電圧
Br
eakoverVol
t
age
μA
MAX
10
VD=120V
IDRM(A)
オフ電流
Of
f
-
st
at
eCur
r
ent
mA
MAX
0.
5
VBO-0.
5V
IBO(A)
ブレークオーバー電流
Br
eakoverCur
r
ent
mA
MAX
60
IH(A)
保持電流
Hol
di
ngCur
r
ent
mA
MAX
60
IH(K)
V
MAX
1.
5
IT=1A
VT(A)
オン電圧
On-
st
at
eVol
t
age
V
MAX
1.
5
VT(K)
MIN
0.
1
RS(A)
スイッチング抵抗
Swi
t
chi
ngResi
st
ance
℃/W
MAX
23
接合部・リード間
Junct
i
ont
ol
ead
θjl
熱抵抗
Ther
malResi
st
ance
Uni
t:mm
外形図については新電元 Webサイトをご参照下さい。捺印
表示については捺印仕様をご確認下さい。
Fordet
ai
l
soft
heout
l
i
nedi
mensi
ons,r
ef
ert
oourwebsi
t
e.
As f
ort
he mar
ki
ng,r
ef
ert
o t
he speci
f
i
cat
i
on "Mar
ki
ng,
Ter
mi
nalConnect
i
on".
Package:1F


Similar Part No. - G1VL15C

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
G1VL10C SHINDENGEN-G1VL10C Datasheet
1Mb / 4P
    G1VL10C
More results

Similar Description - G1VL15C

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
WEJT285W-2B1F-2D3 WINNERJOIN-WEJT285W-2B1F-2D3 Datasheet
561Kb / 10P
   SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com