Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KU4F8 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # KU4F8
Description  SMD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

KU4F8 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  KU4F8 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd KU4F8 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd KU4F8 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd KU4F8 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M2F Package
■特性図 CHARACTERISTICDIAGRAMS
オン電圧-オン電流
On-State Voltage-On-State Current
30
10
01
456
TYP
Pulse test
TYP
Pulse test
−40 −20
20
120
60 80
40
100
VBO‒ Tj 特性
Junction Temperature Tj〔℃〕
Breakover Voltage vs Junction Temperature
接合容量
Junction Capacitance
1000
10
100
10
10
10
10
Frequency〔kHz〕
VVDD
=0
0VV
VVDD
=50
50VV
VD=0V
VD=30V
接合容量
Junction Capacitance
1000
10
100
10-1
100
101
Off-State applied Voltage VD〔V〕
TYP
f=100kHz
2.5
0.5
1.5
−40 −20 020 40
120
80
60100
IH‒ Tj 特性
Holding Current vs Junction Temperature
Junction Temperature Tj〔℃〕
TYP
Pulse test
On-State Voltage〔V〕
KU4F8
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
U181
2011.2〉)
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedformeasurements.


Similar Part No. - KU4F8

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
KU4F12 SHINDENGEN-KU4F12 Datasheet
126Kb / 4P
   SMD
More results

Similar Description - KU4F8

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
WEJT285W-2B1F-2D3 WINNERJOIN-WEJT285W-2B1F-2D3 Datasheet
561Kb / 10P
   SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com