Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS060SM-1 Datasheet(PDF) 1 Page - CTS Corporation

Part # ATS060SM-1
Description  Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATS060SM-1 Datasheet(HTML) 1 Page - CTS Corporation

  ATS060SM-1 Datasheet HTML 1Page - CTS Corporation ATS060SM-1 Datasheet HTML 2Page - CTS Corporation ATS060SM-1 Datasheet HTML 3Page - CTS Corporation ATS060SM-1 Datasheet HTML 4Page - CTS Corporation ATS060SM-1 Datasheet HTML 5Page - CTS Corporation ATS060SM-1 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document No. 008-0309-0
Page 1- 6
Rev. L
www.ctscorp.com
ATS/ATS-SM Series
Quartz Crystal
FEATURES
• Standard HC-49/US [thru-hole] and HC-49/US-SM [surface mount] Packages
• Stable Frequency Over Temperature and Drive Level
• Fundamental and 3rd Overtone Crystals
• Frequency Range 3.2 – 64 MHz
• Frequency Tolerance, ±30 ppm Standard
• Frequency Stability, ±50 ppm Standard
• Operating Temperature, –20°C to +70°C Standard, -40°C to +85°C Available
• Tape & Reel Packaging Available
• RoHS/Green Compliant [6/6]
APPLICATIONS
The ATS/ATS-SM crystal series offers excellent long-term stability and reliability in a proven resistance-weld metal
package. The excellent shock performance makes it suitable for microprocessor, telecommunication, industrial,
consumer electronics and networking applications.
ORDERING INFORMATION
Non-Standard Ordering Options
Contact your local CTS Representative or CTS Inside Sales Representative for assistance.
ATS
Blank - Bulk
1 - Radial Taping (Ammopak) *
INS - Insulation Spacer
* Standard packaging is bulk in a bag.
TEMPERATURE RANGE OPTIONS
Blank - Standard, -20°C to +70°C
E - Extended Temperature Range,
-40°C to +85°C
PACKAGING OPTIONS
Refer to Standard Product Part Numbers
tables on Pages 2 and 3.
FREQUENCY
Product Frequency/Load Code.
[3 to 4 digits]
PRODUCT OPTIONS
-
ATS
ATS-SM
** Standard packaging is tape and reel.
CTS Distributors may use -T for tape and reel indicator.
Blank - Standard, -20°C to +70°C
E - Extended Temperature Range,
-40°C to +85°C
TEMPERATURE RANGE OPTIONS
Refer to Standard Product Part Numbers
tables on Pages 2 and 3.
FREQUENCY
Product Frequency/Load Code.
[3 to 4 digits]
SM -
Blank - Bulk
1 - Tape and Reel **
PACKAGING OPTIONS
ATS


Similar Part No. - ATS060SM-1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS060SM-1 CTS-ATS060SM-1 Datasheet
182Kb / 6P
   Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS060SM-1 CTS-ATS060SM-1 Datasheet
181Kb / 6P
   Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS060SM-1E CTS-ATS060SM-1E Datasheet
182Kb / 6P
   Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS060SM-1E CTS-ATS060SM-1E Datasheet
181Kb / 6P
   Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
More results

Similar Description - ATS060SM-1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS073SM-1 CTS-ATS073SM-1 Datasheet
182Kb / 6P
   Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS073BSM CTS-ATS073BSM Datasheet
181Kb / 6P
   Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS270ASM-1 CTS-ATS270ASM-1 Datasheet
182Kb / 6P
   Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS073BSM CTS-ATS073BSM Datasheet
181Kb / 6P
   Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
logo
MMD Components
BESAA1 MMD-BESAA1 Datasheet
52Kb / 1P
   HC-49/US Thru-Hole Crystal
DSAA1 MMD-DSAA1 Datasheet
85Kb / 1P
   HC-49/US Surface Mounted Crystal
logo
List of Unclassifed Man...
BA32C3 ETC2-BA32C3 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
logo
Caliber Electronics Inc...
BA32C1 CALIBER-BA32C1 Datasheet
44Kb / 1P
   HC-49/US Microprocessor Crystals
logo
Vectron International, ...
VXB1_VXB2 VECTRON-VXB1_VXB2 Datasheet
356Kb / 3P
   HC-49/US SMD Crystal
logo
Caliber Electronics Inc...
CA32C1 CALIBER-CA32C1 Datasheet
41Kb / 1P
   HC-49/US SMD Microprocessor Crystals
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com