Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3867 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # 2N3867
Description  PNP SILICON POWER SWITCHING TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3867 Datasheet(HTML) 3 Page - Continental Device India Limited

  2N3867 Datasheet HTML 1Page - Continental Device India Limited 2N3867 Datasheet HTML 2Page - Continental Device India Limited 2N3867 Datasheet HTML 3Page - Continental Device India Limited 2N3867 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N3867
TO-39
Metal Can Package
TO-39 Metal Can Package
TO-39
500 pcs/polybag 540 gm/500 pcs
3" x 7.5" x 7.5"
20K
17" x 15" x 13.5"
32K
40 kgs
PACKAGE
Net Weight/Qty
Details
STANDARDPACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
2
1
3
PIN CONFIGURATION
1. EMITTER
2. BASE
3. COLLECTOR
DIM
MIN
MAX
A
8.50
9.39
B
7.74
8.50
C
6.09
6.60
D
0.40
0.53
E
0.88
F
2.41
2.66
G
4.82
5.33
H
0.71
0.86
J
0.73
1.02
K
12.70
L
42 DEG 48 DEG
A
B
D
G
L
H
J
1
2
3
Continental Device India Limited
Data Sheet
Page 3 of 4


Similar Part No. - 2N3867

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3867 MICROSEMI-2N3867 Datasheet
56Kb / 2P
   Silicon PNP Power Transistors
logo
Central Semiconductor C...
2N3867 CENTRAL-2N3867 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Microsemi Corporation
2N3867 MICROSEMI-2N3867 Datasheet
121Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3867 NJSEMI-2N3867 Datasheet
153Kb / 1P
   POWER TRANSISTORS PNP SILICON
logo
Microsemi Corporation
2N3867S MICROSEMI-2N3867S Datasheet
56Kb / 2P
   Silicon PNP Power Transistors
More results

Similar Description - 2N3867

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FCX717 KEXIN-FCX717 Datasheet
51Kb / 2P
   PNP Silicon Power Switching Transistor
FCX789A KEXIN-FCX789A Datasheet
51Kb / 2P
   PNP Silicon Power Switching Transistor
FCX1147A KEXIN-FCX1147A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
logo
Zetex Semiconductors
ZUMT718 ZETEX-ZUMT718 Datasheet
52Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT720 ZETEX-ZUMT720 Datasheet
131Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX790A ZETEX-FCX790A Datasheet
78Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR?
logo
Guangdong Kexin Industr...
FCX1151A KEXIN-FCX1151A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
FCX1149A KEXIN-FCX1149A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
logo
Zetex Semiconductors
FCX1149A ZETEX-FCX1149A Datasheet
108Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT717 ZETEX-ZUMT717 Datasheet
126Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Continental Device Indi...
2N3868 CDIL-2N3868 Datasheet
156Kb / 4P
   PNP SILICON POWER SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com