Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITO-220AB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ITO-220AB
Description  Dual Common Cathode Ultrafast Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ITO-220AB Datasheet(HTML) 2 Page - Vishay Siliconix

  ITO-220AB Datasheet HTML 1Page - Vishay Siliconix ITO-220AB Datasheet HTML 2Page - Vishay Siliconix ITO-220AB Datasheet HTML 3Page - Vishay Siliconix ITO-220AB Datasheet HTML 4Page - Vishay Siliconix ITO-220AB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FEP16xT, FEPF16xT, FEPB16xT
www.vishay.com
Vishay General Semiconductor
Revision: 30-Aug-13
2
Document Number: 88596
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
FEP
16AT
FEP
16BT
FEP
16CT
FEP
16DT
FEP
16FT
FEP
16GT
FEP
16HT
FEP
16JT
UNIT
Maximum instantaneous
forward voltage per diode
8.0 A
VF (1)
0.95
1.30
1.50
V
Maximum DC reverse
current per diode at rated DC
blocking voltage
TC = 25 °C
IR
10
μA
TC = 100 °C
500
Maximum reverse recovery
time per diode
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
50
ns
Typical junction capacitance
per diode
4.0 V, 1 MHz
CJ
85
60
pF
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FEP
FEPF
FEPB
UNIT
Typical thermal resistance from junction to case per diode
RJC
2.2
3.1
2.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
FEP16JT-E3/45
1.85
45
50/tube
Tube
ITO-220AB
FEPF16JT-E3/45
1.97
45
50/tube
Tube
TO-263AB
FEPB16JT-E3/45
1.35
45
50/tube
Tube
TO-263AB
FEPB16JT-E3/81
1.35
81
800/reel
Tape and reel
TO-220AB
FEP16JTHE3/45 (1)
1.85
45
50/tube
Tube
ITO-220AB
FEPF16JTHE3/45 (1)
1.97
45
50/tube
Tube
TO-263AB
FEPB16JTHE3/45 (1)
1.35
45
50/tube
Tube
TO-263AB
FEPB16JTHE3/81 (1)
1.35
81
800/reel
Tape and reel


Similar Part No. - ITO-220AB

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
ITO-220AB KERSEMI-ITO-220AB Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
logo
Vishay Siliconix
ITO-220AB VISHAY-ITO-220AB Datasheet
126Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 27-Jul-07
logo
Shenzhen Luguang Electr...
ITO-220AB LUGUANG-ITO-220AB Datasheet
150Kb / 2P
   Isolated 10.0AMP.Schottky Barrier Rectifiers
ITO-220AB LUGUANG-ITO-220AB Datasheet
174Kb / 2P
   Super Fast Rectifiers
logo
Kersemi Electronic Co.,...
ITO-220AB KERSEMI-ITO-220AB Datasheet
1Mb / 4P
   Guardring for overvoltage protection
More results

Similar Description - ITO-220AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U30BCT VISHAY-U30BCT Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 27-Aug-08
GI2401 VISHAY-GI2401_V01 Datasheet
131Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
01-Jan-2022
UG18CT VISHAY-UG18CT Datasheet
189Kb / 4P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-15
U20XCT-E3 VISHAY-U20XCT-E3 Datasheet
150Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Oct-13
U30XCT-E3 VISHAY-U30XCT-E3 Datasheet
146Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Oct-13
FEP16XT VISHAY-FEP16XT Datasheet
152Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 23-Feb-16
UG18XCT VISHAY-UG18XCT Datasheet
153Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-16
UG18ACT VISHAY-UG18ACT Datasheet
157Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 09-Nov-07
UG8JCT VISHAY-UG8JCT_07 Datasheet
158Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 09-Nov-07
UB20BCT-E3 VISHAY-UB20BCT-E3 Datasheet
145Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Oct-13
UG30APT-E3 VISHAY-UG30APT-E3_V01 Datasheet
88Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com