Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3772 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N3772
Description  NPN SILICON PLANAR POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3772 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N3772 Datasheet HTML 1Page - Continental Device India Limited 2N3772 Datasheet HTML 2Page - Continental Device India Limited 2N3772 Datasheet HTML 3Page - Continental Device India Limited 2N3772 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR POWER TRANSISTOR
2N3772
TO-3
Metal Can Package
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
Second Breakdown
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Second Breakdown Energy with
IS/b
VCE=60V,t=1.0 s,Nonrepetitive
2.5
A
Base Forward Biased
Dynamic Characteristics
Current Gain - Bandwidth Product
fT
IC=1.0A, VCE=4V, f=50KHz
0.2
MHz
Small Signal Current Gain
hfe
IC=1A, VCE=4V, f=1KHz
40
*Pulse Test: Pulse Width <300
µµs, Repetitive Rate 60 cps.
Continental Device India Limited
Data Sheet
Page 2 of 4


Similar Part No. - 2N3772

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3772 MOSPEC-2N3772 Datasheet
132Kb / 3P
   POWER TRANSISTORS(150W)
logo
Savantic, Inc.
2N3772 SAVANTIC-2N3772 Datasheet
132Kb / 4P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N3772 ONSEMI-2N3772 Datasheet
204Kb / 6P
   POWER TRANSISTORS (NPN SILICON)
1995 REV 7
logo
Dc Components
2N3772 DCCOM-2N3772 Datasheet
233Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
STMicroelectronics
2N3772 STMICROELECTRONICS-2N3772 Datasheet
64Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
June 1997
More results

Similar Description - 2N3772

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BU508AT CDIL-BU508AT Datasheet
98Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
BD707 TEL-BD707 Datasheet
159Kb / 2P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
Continental Device Indi...
CFD2374 CDIL-CFD2374 Datasheet
95Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
CFD1499 CDIL-CFD1499 Datasheet
105Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
CFC2026 CDIL-CFC2026 Datasheet
100Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
BU208A CDIL-BU208A Datasheet
119Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
CFC3852 CDIL-CFC3852 Datasheet
82Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
CFD2375 CDIL-CFD2375 Datasheet
105Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3773 TEL-2N3773 Datasheet
68Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
Continental Device Indi...
2N3773 CDIL-2N3773 Datasheet
219Kb / 4P
   NPN SILICON PLANAR POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com