Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3700 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N3700
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3700 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N3700 Datasheet HTML 1Page - Continental Device India Limited 2N3700 Datasheet HTML 2Page - Continental Device India Limited 2N3700 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
2N3700-01
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Dynamic Characteristics
2N3700
2N3701
Small Signal Current Gain
hfe
IC=1mA, VCE=5V
80-400
30-200
f=1KHz
Transition Frequency
ft
VCE=10V,IC=50mA,
100-400
>80
MHz
f=20MHz
Input Capacitance
Cibo
<60
<60
pF
Output Capacitance
Cobo
VCB=10V, f=1MHz
<12
<12
pF
Collector Base Time Constant
rbb'cb'c
15-400
25-400
ps
f=79.8MHz
Noise Figure
NF
VCE=10V, IC=100uA
-
4.0
dB
RS=1kohms, f=1kHz
*Pulse Test: Pulse Width =300us, Duty Cycle=1%
TO-18 Metal Can Package
TO-18
1K/polybag
350 gm/1K pcs
3" x 7.5" x 7.5"
5.0K
17" x 15" x 13.5"
80.0K
34 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
G
1
2
3
H
J
L
A
D
B
DIM
M IN
M A X
A
5.24
5.84
B
4.52
4.97
C
4.31
5.33
D
0.40
0.53
E—
0.76
F—
1.27
G—
2.97
H
0.91
1.17
J
0.71
1.21
K12.70
L45 DE G
PIN CONFIGURATION
1. EM ITTER
2. BASE
3. COLLECTOR
1
2
3
Continental Device India Limited
Data Sheet
Page 2 of 3


Similar Part No. - 2N3700

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3700 STMICROELECTRONICS-2N3700 Datasheet
43Kb / 4P
   GENERAL PURPOSE AMPLIFIERS
January 1989
logo
Central Semiconductor C...
2N3700 CENTRAL-2N3700 Datasheet
534Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3700 SEMICOA-2N3700 Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
logo
Central Semiconductor C...
2N3700 CENTRAL-2N3700 Datasheet
541Kb / 2P
   SILICON NPN TRANSISTORS
logo
Semicoa Semiconductor
2N3700 SEMICOA-2N3700 Datasheet
45Kb / 2P
   Type 2N3700 Geometry 4500 Polarity NPN
More results

Similar Description - 2N3700

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
First Components Intern...
BC847 FCI-BC847 Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com