Electronic Components Datasheet Search |
|
2N3703 Datasheet(PDF) 1 Page - Continental Device India Limited |
|
2N3703 Datasheet(HTML) 1 Page - Continental Device India Limited |
1 / 3 page Continental Device India Limited Data Sheet Page 1 of 3 PNP SILICON PLANAR EPITAXIAL TRANSISTORS 2N3702 2N3703 ABSOLUTE MAXIMUM RATINGS Rating Rating Rating Rating Rating Symbol Symbol Symbol Symbol Symbol 2N3702 2N3703 Units Units Units Units Units Collector Emitter voltage VCEO 25 30 V Collector Base voltage VCBO 40 50 V Emitter Base voltage VEBO 55 V Collector Current (Continuous) IC - 600 - mA Total Power Dissipation Ta = 25ºC PD - 625 - mW Derate above 25ºC - 5 - mW/ºC Operating & Storage Junction Tj,Tstg -55 to +150 ºC Temperature Range THERMAL RESISTANCE Junction to Ambient Rth (j-a) - 200 - ºC/W 1 = EMITTER 2 = COLLECTOR 3 = BASE DIM MIN MAX A 4,32 5,33 B 4,45 5,20 C 3,18 4,19 D 0,41 0,55 E 0,35 0,50 F 5 DEG G 1,14 1,40 H 1,14 1,53 K 12,70 – L 1.982 2.082 ALL DIMENSIONS IN M.M. E C B 1 2 3 TO-92 Plastic Package Continental Device India Limited An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company |
Similar Part No. - 2N3703 |
|
Similar Description - 2N3703 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |