Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT551TA Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMMT551TA
Description  SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMMT551TA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMMT551TA Datasheet HTML 1Page - Fairchild Semiconductor FMMT551TA Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 3 - OCTOBER 1995
FEATURES
* 60 Volt VCEO
* 1 Amp continuous current
COMPLEMENTARY TYPE –
FMMT451
PARTMARKING DETAIL –
551
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-80
V
IC=-100µA
Collector-Emitter
Sustaining Voltage
VCEO(sus) -60
V
IC=-10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
-5
V
IE=-100µA
Collector Cut-Off Current ICBO
-0.1
µ
A
VCB=-60V
Emitter Cut-Off Current
IEBO
-0.1
µ
A
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.35
V
IC=-150mA, IB=-15mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.1
V
IC=-150mA, IB=-15mA*
Static Forward Current
Transfer Ratio
hFE
50
10
150
IC=-150mA, VCE=-10V*
IC=-1A, VCE=-10V*
Transition
Frequency
fT
150
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
25
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for this device
FMMT551
C
B
E
3 - 130
3 - 129
FMMT551
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
VBE(on) v IC
-0.6
-0.01
-10
-0.1
-1
-0.7
-0.8
-0.9
-1.0
0
-0.01
-0.1
-10
-1
-0.2
-0.4
-0.6
-0.8
I+/I*=10
I+ -
Collector Current (Amps)
hFE v IC
-0.001
-0.01
-10
-0.1
-1
20
40
60
80
100
I+ -
Collector Current (Amps)
-0.8
-1.0
-1.2
-1.4
-0.01
-0.1
-1
-10
-0.6
VBE(sat) v IC
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
10V
100V
1s
DC
100ms
10ms
100µs
1ms
1V
0.01
0.1V
10


Similar Part No. - FMMT551TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT551 ZETEX-FMMT551 Datasheet
105Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT551 KEXIN-FMMT551 Datasheet
34Kb / 1P
   Medium Power Transistor
logo
Diodes Incorporated
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT551 DIODES-FMMT551_15 Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results

Similar Description - FMMT551TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT555 DIODES-FMMT555 Datasheet
71Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
   SOT23 PNP silicon planar medium power transistor
FMMT555TA DIODES-FMMT555TA Datasheet
71Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FMMT555 ZETEX-FMMT555_03 Datasheet
63Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT591A DIODES-FMMT591A Datasheet
155Kb / 4P
   SOT23 PNP silicon planar medium power transistor
FMMT551 DIODES-FMMT551_15 Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT555 DIODES-FMMT555_15 Datasheet
71Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMTL718 DIODES-FMMTL718 Datasheet
75Kb / 3P
   SOT23 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
FMMT589 DIODES-FMMT589 Datasheet
55Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com