Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN5045-480-99 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FN5045-480-99
Description  LC Sine Wave Filter for Motor Drives
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN5045-480-99 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FN5045-480-99 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN5045-480-99 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN5045-480-99 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN5045-480-99 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN5045-480-99 Datasheet HTML 5Page - List of Unclassifed Manufacturers FN5045-480-99 Datasheet HTML 6Page - List of Unclassifed Manufacturers FN5045-480-99 Datasheet HTML 7Page - List of Unclassifed Manufacturers FN5045-480-99 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Load Reactors
SchaffnerGroup Datasheets 2014
Filter selectiontable
Filter
Rated
current
Rated
current
Typical
Nominal
Nominal Capacitance
Min. Typical Input/Output Weight
@ 45 °C/50
Hz
@ 45 °C/100
Hz
motor
drive inductance capacitance connection switching power connections
rating
frequency
loss
[A]
[A]
[kW]
[mH]
[μF]
[kHz]
[W]
[kg]
FN5040-4.5-82
4.5
4.05
1.1/1.5
13
2.2
Y
4
65
-82
3.3
FN5040-8-82
8
7.2
2.2/3
6.9
4.7
Y
4
80
-82
4.6
FN5040-10-83
10
9
4
5.2
6.8
Y
4
90
-83
6.1
FN5040-17-83
17
15.3
5.5/7.5
3.1
10
Y
4
115
-83
7.8
FN5040-24-84
24
21.6
11
2.4
10
Y
4
150
-84
14.4
FN5040-38-84
38
34.2
15/18.5
1.6
10
Y
4
170
-84
25.0
FN5040-48-85
48
43.2
22
1.1
14.7
Y
4
260
-85
33.0
FN5040-62-86
62
55.8
30
0.85
30
Y
3
280
-85
36.0
FN5040-75-87
75
67.5
37
0.75
30
Y
3
330
-87
42.0
FN5040-115-87
115
103.5
45/55
0.5
20
Δ
3
500
-87
68.0
FN5040-180-99
180
162
75/90
0.3
33
Δ
3
680
-99
86.0
FN5040-260-99
260
234
110/132
0.2
47
Δ
3
880
-99
125.0
FN5040-410-99
410
369
160/200
0.13
66
Δ
3
1100
-99
184.0
FN5040-480-99
480
432
250
0.11
94
Δ
3
1350
-99
235.0
FN5040-660-99
660
594
315/355
0.14
141
Δ
2
2000
-99
310.0
FN5040-750-99
750
675
400
0.12
165
Δ
2
2800
-99
470.0
FN5040-880-99
880
792
400/500
0.11
188
Δ
2
3400
-99
640.0
FN5040-1200-99
1200
1080
560/630
0.075
282
Δ
2
3800
-99
680.0
FN5045-4.5-44
4.5
4.05
1.1/1.5
13
2.2
Y
4
65
-44
4.1
FN5045-8-44
8
7.2
2.2/3
6.9
4.7
Y
4
80
-44
5.4
FN5045-10-44
10
9
4
5.2
6.8
Y
4
90
-44
6.9
FN5045-17-33
17
15.3
5.5/7.5
3.1
10
Y
4
115
-33
9.0
FN5045-24-33
24
21.6
11
2.4
10
Y
4
150
-33
15.6
FN5045-38-33
38
34.2
15/18.5
1.6
10
Y
4
170
-33
18.9
FN5045-48-34
48
43.2
22
1.1
14.7
Y
4
260
-34
35.8
FN5045-62-34
62
55.8
30
0.85
30
Y
3
280
-34
37.8
FN5045-75-35
75
67.5
37
0.75
30
Y
3
330
-35
60.0
FN5045-115-35
115
103.5
45/55
0.5
20
Δ
3
500
-35
70.0
FN5045-180-99
180
162
75/90
0.3
33
Δ
3
680
-99
92.0
FN5045-260-99
260
234
110/132
0.2
47
Δ
3
880
-99
131.0
FN5045-410-99
410
369
160/200
0.13
66
Δ
3
1100
-99
198.0
FN5045-480-99
480
432
250
0.11
94
Δ
3
1350
-99
243.0
FN5045-660-99
660
594
315/355
0.14
141
Δ
2
2000
-99
425.0
FN5045-750-99
750
675
400
0.12
165
Δ
2
2800
-99
482.0
FN5045-880-99
880
792
400/500
0.11
188
Δ
2
3400
-99
652.0
FN5045-1200-99
1200
1080
560/630
0.075
282
Δ
2
3800
-99
692.0
2


Similar Part No. - FN5045-480-99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN5045-17-33 ETC2-FN5045-17-33 Datasheet
886Kb / 8P
   LC Sine Wave Filter for Motor Drive Output Filters FN 5040 / FN 5045
More results

Similar Description - FN5045-480-99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN5045-17-33 ETC2-FN5045-17-33 Datasheet
886Kb / 8P
   LC Sine Wave Filter for Motor Drive Output Filters FN 5040 / FN 5045
logo
Schurter Inc.
FMAC SCHURTER-FMAC Datasheet
623Kb / 4P
   Sine wave output filter
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
   Compact EMC/RFI Filter for Motor Drives
FN-3100 SCHAFFNER-FN-3100 Datasheet
310Kb / 4P
   Bookstyle EMC/EMI Filter for Motor Drives
logo
Anpec Electronics Corop...
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
logo
List of Unclassifed Man...
FN350-8-29 ETC2-FN350-8-29 Datasheet
551Kb / 4P
   Single-phase EMC/RFI Filter for Motor Drives
logo
Anpec Electronics Corop...
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322_18 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
logo
Toshiba Semiconductor
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com