Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN5045-260-99 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FN5045-260-99
Description  LC Sine Wave Filter for Motor Drives
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN5045-260-99 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FN5045-260-99 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN5045-260-99 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN5045-260-99 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN5045-260-99 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN5045-260-99 Datasheet HTML 5Page - List of Unclassifed Manufacturers FN5045-260-99 Datasheet HTML 6Page - List of Unclassifed Manufacturers FN5045-260-99 Datasheet HTML 7Page - List of Unclassifed Manufacturers FN5045-260-99 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
Output Filters FN 5040 / FN 5045
LC Sine Wave Filter for Motor Drives
Smooth sine wave without voltage peaks
Perfect motor protection
Reduce bearing currents
Motor frequency up to 200 Hz
Extended motor cable lenght capability
Technical specifications
Nominal operating voltage
3× 500 VAC ±10%
Motor frequency
70 Hz (up to 200Hz with derating (see graph))
Switching frequency
See filter selection table
Rated currents
4.5 to 1200 A @ 45 °C max.
Motor cable length
Up to 2,000 m (see graph)
Impedance (uk)
8 to 10% @ 400 V, 50 Hz and rated current
Residual ripple voltage
<5%
High potential test voltage
P –> E 3000 VAC, 1 minute
P –> P 2500 VAC, 1 minute
Protection category
IP00 (FN 5040)
IP20 (FN 5045)
Overload capability
1.5× rated current for 1 minute, once per hour
Temperature range (operation and storage) - 25 °C to +70 °C (25/070/21)
Acoustic noise level
<70 dB(A) @ 1 m
Insulation class
EIS 200
Flammability corresponding to
UL 94 V-2 or better
Design corresponding to
IEC 61558-2-20
Environmental reliability
IEC 60068-2-1
Approvals
UL 508 pending
Declaration of conformity
CE / LVD
MTBF 1
>100,000 hours
Approvals
UL508C up to 260 A. For use with AC or DC drives
(power conversion equipment) only
Features andbenefits
Converts the rectangular PWM output voltage of
motor drives into a smooth sine wave with low
residual ripple
Elimination of premature motor damage caused by
high dv/dt, overvoltages, cable ringing, motor
overheating, and eddy current losses
Improves bearing life time because of bearing
currents caused by circulating currents
Complies with IEC 60034-17* and NEMA-MG1
requirements for general purpose motors
Optional with NEMA 1 protective cover
Typical applications
HVAC applications
Pumps
Ventilators
Conveyors
Compressors
Elevators
Cranes
Medium voltage applications, deployed in front of
the step-up transformer
Retrofit installations with motor drives
Motor drive with long motor cable
Motor drive with multiple motors in parallel
Typical electrical schematic


Similar Part No. - FN5045-260-99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN5045-17-33 ETC2-FN5045-17-33 Datasheet
886Kb / 8P
   LC Sine Wave Filter for Motor Drive Output Filters FN 5040 / FN 5045
More results

Similar Description - FN5045-260-99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN5045-17-33 ETC2-FN5045-17-33 Datasheet
886Kb / 8P
   LC Sine Wave Filter for Motor Drive Output Filters FN 5040 / FN 5045
logo
Schurter Inc.
FMAC SCHURTER-FMAC Datasheet
623Kb / 4P
   Sine wave output filter
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
   Compact EMC/RFI Filter for Motor Drives
FN-3100 SCHAFFNER-FN-3100 Datasheet
310Kb / 4P
   Bookstyle EMC/EMI Filter for Motor Drives
logo
Anpec Electronics Corop...
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
logo
List of Unclassifed Man...
FN350-8-29 ETC2-FN350-8-29 Datasheet
551Kb / 4P
   Single-phase EMC/RFI Filter for Motor Drives
logo
Anpec Electronics Corop...
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322_18 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
logo
Toshiba Semiconductor
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com