Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4140-DIE Datasheet(PDF) 9 Page - Peregrine Semiconductor

Part # PE4140-DIE
Description  Ultra-High Linearity UltraCMOS?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4140-DIE Datasheet(HTML) 9 Page - Peregrine Semiconductor

Back Button PE4140-DIE Datasheet HTML 2Page - Peregrine Semiconductor PE4140-DIE Datasheet HTML 3Page - Peregrine Semiconductor PE4140-DIE Datasheet HTML 4Page - Peregrine Semiconductor PE4140-DIE Datasheet HTML 5Page - Peregrine Semiconductor PE4140-DIE Datasheet HTML 6Page - Peregrine Semiconductor PE4140-DIE Datasheet HTML 7Page - Peregrine Semiconductor PE4140-DIE Datasheet HTML 8Page - Peregrine Semiconductor PE4140-DIE Datasheet HTML 9Page - Peregrine Semiconductor PE4140-DIE Datasheet HTML 10Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Product Specification
PE4140
Page 9 of 10
Document No. 70-0089-09
│ www.psemi.com
©2005-2009 Peregrine Semiconductor Corp. All rights reserved.
6-lead DFN
Table 7. Ordering Information
Order Code
Part Marking
Description
Package
Shipping Method
4140-51
4140
PE4140G-06DFN 3x3mm-Cut tape or loose
Green 6-lead 3x3 mm DFN
Cut tape or loose
4140-52
4140
PE4140G-06DFN 3x3mm-3000C
Green 6-lead 3x3 mm DFN
3000 units / T&R
4140-00
PE4140-EK
PE4140-06DFN 3x3mm-EK
Evaluation Kit
1 / Box
Dimension
DFN 3x3 mm
Ao
3.23 ± 0.1
Bo
3.17 ± 0.1
Ko
1.37 ± 0.1
P
4 ± 0.1
W
8 +0.3, -0.1
T
0.254 ± 0.02
R7 Quantity
3000
R13 Quantity
N.A.
Note: R7 = 7 inch Lock Reel, R13 = 13 inch Lock Reel
Table 6. Dimensions
Figure 16. Tape and Reel Specifications
Device Orientation in Tape
Top of
Device
Pin 1
Tape Feed Direction
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE4140-DIE

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4140-06DFN PEREGRINE-PE4140-06DFN Datasheet
285Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
More results

Similar Description - PE4140-DIE

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140_14 Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE84140 PEREGRINE-PE84140_06 Datasheet
165Kb / 7P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
285Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
PE4135 PEREGRINE-PE4135 Datasheet
293Kb / 9P
   High Linearity UltraCMOS??Quad MOSFET Mixer
PE4141 PEREGRINE-PE4141 Datasheet
195Kb / 5P
   Ultra-linear UltraCMOS
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
   UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
logo
API Delevan
BXMP1170 API-BXMP1170 Datasheet
293Kb / 3P
   Ultra High Linearity RF Amplifier
BXMP1173 API-BXMP1173 Datasheet
205Kb / 3P
   Ultra High Linearity RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com