Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42420 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE42420
Description  UltraCMOS짰 SPDT RF Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42420 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE42420_14 Datasheet HTML 1Page - Peregrine Semiconductor PE42420_14 Datasheet HTML 2Page - Peregrine Semiconductor PE42420_14 Datasheet HTML 3Page - Peregrine Semiconductor PE42420_14 Datasheet HTML 4Page - Peregrine Semiconductor PE42420_14 Datasheet HTML 5Page - Peregrine Semiconductor PE42420_14 Datasheet HTML 6Page - Peregrine Semiconductor PE42420_14 Datasheet HTML 7Page - Peregrine Semiconductor PE42420_14 Datasheet HTML 8Page - Peregrine Semiconductor PE42420_14 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Product Specification
PE42420
Page 2 of 12
Document No. DOC-14514-3 │ UltraCMOS® RFIC Solutions
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Table 1. Electrical Specifications @ +25°C, VDD = 3.0V (ZS = ZL = 50Ω)
Notes: 1. Insertion loss and return loss can be improved by external matching
2. The input 1dB compression point is a linearity figure of merit. Refer to Table 3 for the maximum operating power PIN (50Ω)
Parameter
Path
Condition
Min
Typ
Max
Unit
Operating frequency
100
6000
MHz
Insertion loss
RFC–RFX
100–1000 MHz
1000–2000 MHz
2000–3000 MHz1
3000–4000 MHz1
4000–5000 MHz1
5000–6000 MHz1
0.95
0.95
1.00
1.15
1.25
1.60
1.15
1.15
1.20
1.35
1.55
1.90
dB
dB
dB
dB
dB
dB
Isolation
RFX–RFX
100–1000 MHz
1000–2000 MHz
2000–3000 MHz
3000–4000 MHz
4000–5000 MHz
5000–6000 MHz
67
63
59
60
54
44
69
64
62
64
60
50
dB
dB
dB
dB
dB
dB
Isolation
RFC–RFX
100–1000 MHz
1000–2000 MHz
2000–3000 MHz
3000–4000 MHz
4000–5000 MHz
5000–6000 MHz
69
65
63
62
52
44
71
67
68
67
57
48
dB
dB
dB
dB
dB
dB
Return loss (all ports)
100–4000 MHz
4000–5000 MHz1
5000–6000 MHz1
20
15
13
dB
dB
dB
Input 1 dB compression point2
RFC–RFX
100–6000 MHz
33
dBm
Input IP2
RFC–RFX
100–6000 MHz
110
dBm
Input IP3
RFC–RFX
100–6000 MHz
60
65
dBm
Switching time
50% CTRL to 90% or 10% RF
300
400
ns


Similar Part No. - PE42420_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42420D-Z PSEMI-PE42420D-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
More results

Similar Description - PE42420_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com