Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42441 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE42441
Description  UltraCMOS짰 SP4T RF Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42441 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE42441 Datasheet HTML 2Page - Peregrine Semiconductor PE42441 Datasheet HTML 3Page - Peregrine Semiconductor PE42441 Datasheet HTML 4Page - Peregrine Semiconductor PE42441 Datasheet HTML 5Page - Peregrine Semiconductor PE42441 Datasheet HTML 6Page - Peregrine Semiconductor PE42441 Datasheet HTML 7Page - Peregrine Semiconductor PE42441 Datasheet HTML 8Page - Peregrine Semiconductor PE42441 Datasheet HTML 9Page - Peregrine Semiconductor PE42441 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Document No. DOC-32314-2 |
UltraCMOS® RFIC Solutions
Page 6 of 12
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
PE42441
Product Specification
Figure 11. Active Port Return Loss vs. VDD
Figure 10. Active Port Return Loss vs. Temp
Typical Performance Data @ 25°C and VDD = 3.3V, unless otherwise specified
Figure 8. RFC Port Return Loss vs. Temp
Figure 9. RFC Port Return Loss vs. VDD


Similar Part No. - PE42441

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4244 PSEMI-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS
logo
Pasternack Enterprises,...
PE4244 PASTERNACK-PE4244 Datasheet
403Kb / 3P
   C Male Right Angle Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4244-EK PEREGRINE-PE4244-EK Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
More results

Similar Description - PE42441

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42442 PSEMI-PE42442 Datasheet
514Kb / 11P
   UltraCMOS짰 SP4T RF Switch
PE42641 PSEMI-PE42641 Datasheet
891Kb / 8P
   SP4T UltraCMOS짰 RF Switch
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
PE42540LGBD-Z PSEMI-PE42540LGBD-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SP4T RF Switch 10 Hz?? GHz
PE42641MLBC-Z PSEMI-PE42641MLBC-Z Datasheet
232Kb / 8P
   SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
   UltraCMOS짰 SP5T RF Switch
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com