Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43503 Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE43503
Description  50 廓 RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43503 Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE43503_14 Datasheet HTML 1Page - Peregrine Semiconductor PE43503_14 Datasheet HTML 2Page - Peregrine Semiconductor PE43503_14 Datasheet HTML 3Page - Peregrine Semiconductor PE43503_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43503_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43503_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43503_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43503_14 Datasheet HTML 8Page - Peregrine Semiconductor PE43503_14 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Product Specification
PE43503
Page 5 of 11
Document No. 70-0252-05
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Table 5. Control Voltage
Table 6. Latch and Clock Specifications
Table 8. Attenuation Word Truth Table
Parallel Control Setting
Attenuation Setting
RF1-RF2
D6
D5
D4
D3
D2
L
L
L
L
L
Reference I.L.
L
L
L
L
H
1 dB
L
L
L
H
L
2 dB
L
L
H
L
L
4 dB
L
H
L
L
L
8 dB
H
L
L
L
L
16 dB
H
H
H
H
H
31 dB
Table 7. Parallel Truth Table
State
Bias Condition
Low
0 to +1.0 Vdc at 2
µA (typ)
High
+2.6 to +5 Vdc at 10
µA (typ)
Latch Enable
Function
X
Shift Register Clocked
Contents of shift register
transferred to attenuator core
Shift Clock
X
Attenuation Word
Attenuation
Setting
RF1-RF2
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
L
L
L
L
L
L
L
L
Reference I.L.
L
L
L
L
L
H
L
L
1 dB
L
L
L
L
H
L
L
L
2 dB
L
L
L
H
L
L
L
L
4 dB
L
L
H
L
L
L
L
L
8 dB
L
H
L
L
L
L
L
L
16 dB
L
H
H
H
H
H
L
L
31 dB
Table 9. Serial Register Map
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
D7
D6
D5
D4
D3
D2
D1
D0
Attenuation Word
LSB (first in)
MSB (last in)
Bits must be set to logic low
Attenuation Word is derived directly from the attenuation value. For example, to program the 13 dB state:
Attenuation Word: Multiply by 4 and convert to binary
→ 4 *13 dB → 52 → 00110100
Serial Input: 00110100
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43503_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503_15 Datasheet
437Kb / 11P
   RF Digital Attenuator
More results

Similar Description - PE43503_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
   50 廓 RF Digital Attenuator
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
   50 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com