Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43701 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE43701
Description  50 廓 RF Digital Attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43701 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE43701_14 Datasheet HTML 1Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 2Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 3Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 8Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product Specification
PE43701
Page 3 of 13
Document No. 70-0243-06
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
-70
-60
-50
-40
-30
-20
-10
0
0
1
23
4
567
89
Frequency (GHz)
0dB
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
-40
-35
-30
-25
-20
-15
-10
-5
0
01
2
3
45
67
89
Frequency (GHz)
-40C
25C
85C
Figure 9. Output Return Loss vs. Attenuation:
T = +25C
Figure 7. Insertion Loss vs. Temperature
Figure 8. Input Return Loss vs. Attenuation:
T = +25C
Figure 10. Input Return Loss vs. Temperature:
16dB State
Figure 11. Output Return Loss vs. Temperature:
16dB State
Figure 12. Relative Phase vs. Frequency
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Frequency (GHz)
-40C
+25C
+85C
-60
-50
-40
-30
-20
-10
0
0
1
23
4
567
89
Frequency (GHz)
0dB
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
012
3456
789
Frequency (GHz)
-40C
25C
85C
0
20
40
60
80
100
120
0123
45678
Frequency (GHz)
0dB
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43701_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43701MLI PEREGRINE-PE43701MLI Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43701MLI-Z PEREGRINE-PE43701MLI-Z Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
More results

Similar Description - PE43701_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
   50 廓 RF Digital Attenuator
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
   50 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com