Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJZEC1E080D Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECJZEC1E080D
Description  Multilayer Ceramic Capacitors(For General Usage)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJZEC1E080D Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ECJZEC1E080D Datasheet HTML 2Page - Panasonic Semiconductor ECJZEC1E080D Datasheet HTML 3Page - Panasonic Semiconductor ECJZEC1E080D Datasheet HTML 4Page - Panasonic Semiconductor ECJZEC1E080D Datasheet HTML 5Page - Panasonic Semiconductor ECJZEC1E080D Datasheet HTML 6Page - Panasonic Semiconductor ECJZEC1E080D Datasheet HTML 7Page - Panasonic Semiconductor ECJZEC1E080D Datasheet HTML 8Page - Panasonic Semiconductor ECJZEC1E080D Datasheet HTML 9Page - Panasonic Semiconductor ECJZEC1E080D Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
– EC13 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
Standard Products for EIA “0201”, Taped Version
● Class 1
◆ Temperature Characteristic Code : C (Temperature Characteristics : C∆)
Rated voltage
DC 25 V
DC 16 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
CK CJ CH CG
CK CJ CH CG
0.5 ±0.25 pF(C) ECJZEC1E0R5C 0.3
———
1
±0.25 pF (C)
or
±0.5 pF (D)
ECJZEC1E010
0.3
———
1.5
ECJZEC1E1R5
0.3
———
2
ECJZEC1E020
0.3
———
3
ECJZEC1E030
0.3 —
——
4
ECJZEC1E040
0.3 — —
5
ECJZEC1E050
0.3 — —
6
±0.5 pF (D)
ECJZEC1E060D 0.3 — —
7
ECJZEC1E070D 0.3 — —
8
ECJZEC1E080D 0.3 — —
9
ECJZEC1E090D 0.3 — —
10
±0.5 pF (D)
or ±1 pF (F)
ECJZEC1E100
0.3 — —
12
±5 % (J)
or
±10 % (K)
ECJZEC1E120
0.3 — —
15
ECJZEC1E150
0.3 — —
18
ECJZEC1E180
0.3 — —
22
ECJZEC1E220
0.3 — —
27
ECJZEC1E270
0.3 — —
33
ECJZEC1E330
0.3 — —
39
ECJZEC1C390
0.3 — —
47
ECJZEC1C470
0.3 — —
56
ECJZEC1C560
0.3 — —
68
ECJZEC1C680
0.3 — —
82
ECJZEC1C820
0.3 — —
100
ECJZEC1C101
0.3 — —
Rated voltage
DC 50 V
DC 25 V
DC 16 V
DC 10 V
DC 6.3 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
B X7R X5R
B X7R X5R
B X7R X5R
B X7R X5R
B X7R X5R
150
±10 % (K)
or
±20 % (M)
ECJZEB1H151
0.3
— ECJZEB1E151
0.3
220
ECJZEB1H221
0.3
— ECJZEB1E221
0.3
330
ECJZEB1H331
0.3
— ECJZEB1E331
0.3
470
ECJZEB1H471
0.3
— ECJZEB1E471
0.3
680
ECJZEB1H681
0.3
— ECJZEB1E681
0.3
1000
ECJZEB1H102
0.3
— ECJZEB1E102
0.3
1500
ECJZEB1E152
0.3
— ECJZEB1C152
0.3
2200
ECJZEB1E222
0.3
— ECJZEB1C222
0.3
3300
ECJZEB1C332
0.3
ECJZEB1A332
0.3
4700
ECJZEB1A472
0.3 ——
ECJZEB0J472
0.3 ——
6800
ECJZEB1A682
0.3 ——
ECJZEB0J682
0.3 ——
10000
ECJZEB1A103
0.3 ——
ECJZEB0J103
0.3 ——
15000
ECJZEB1A153
0.3 ——
ECJZEB0J153
0.3 ——
22000
ECJZEB1A223
0.3 ——
ECJZEB0J223
0.3 ——
33000
ECJZEB1A333
0.3 ——
ECJZEB0J333
0.3 ——
47000
ECJZEB1A473
0.3 ——
ECJZEB0J473
0.3 ——
68000
ECJZEB1A683
0.3 ——
ECJZEB0J683
0.3 ——
100000
ECJZEB1A104
0.3 ——
ECJZEB0J104
0.3 ——
220000
ECJZEB0J224M 0.3 ——
● Class 2 Capacitors
◆ Temperature Characteristic Code : B (Temperature Characteristics : B, X7R, X5R)
: Capacitance tolerance code : “ ” for “K” or “M”
Standard packaging quantity of Packaging Style Code “E” (T = 0.3 mm): 15,000 pcs./reel
Recommend soldering method: Reflow soldering.
: Capacitance tolerance code.
Standard packaging quantity of Packaging Style Code “E” (T = 0.3 mm): 15,000 pcs./reel
Recommend soldering method: Reflow soldering.
Sep. 2008
00


Similar Part No. - ECJZEC1E080D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJZEC1E080D PANASONIC-ECJZEC1E080D Datasheet
1Mb / 14P
   MULTILAYER CERAMIC CHIP CAPACITORS ( FOR GENERAL ELECTRONIC EQUIPMENT )
ECJZEC1E080D PANASONIC-ECJZEC1E080D Datasheet
855Kb / 12P
   Multilayer Ceramic Capacitors For General Electronic Equipment
ECJZEC1E080D PANASONIC-ECJZEC1E080D Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEC1E080D PANASONIC-ECJZEC1E080D Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEC1E080D PANASONIC-ECJZEC1E080D Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
More results

Similar Description - ECJZEC1E080D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-2VB1H223K PANASONIC-ECJ-2VB1H223K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VC1H120J PANASONIC-ECJ-2VC1H120J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1C473K PANASONIC-ECJ-1VB1C473K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H104Z PANASONIC-ECJ-1VF1H104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H473Z PANASONIC-ECJ-1VF1H473Z Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-0EC1H220J PANASONIC-ECJ-0EC1H220J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H270J PANASONIC-ECJ-1VC1H270J Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2FB1C474K PANASONIC-ECJ-2FB1C474K Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1H333K PANASONIC-ECJ-1VB1H333K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1A334K PANASONIC-ECJ-1VB1A334K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com