Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE1125MF Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECQE1125MF
Description  Self-healing property
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE1125MF Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECQE1125MF Datasheet HTML 1Page - Panasonic Semiconductor ECQE1125MF Datasheet HTML 2Page - Panasonic Semiconductor ECQE1125MF Datasheet HTML 3Page - Panasonic Semiconductor ECQE1125MF Datasheet HTML 4Page - Panasonic Semiconductor ECQE1125MF Datasheet HTML 5Page - Panasonic Semiconductor ECQE1125MF Datasheet HTML 6Page - Panasonic Semiconductor ECQE1125MF Datasheet HTML 7Page - Panasonic Semiconductor ECQE1125MF Datasheet HTML 8Page - Panasonic Semiconductor ECQE1125MF Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions & Quantity/Ammo Box
GRated voltage : 1000 VDC, Note) 125 VAC, Capacitance tolerance : ±5 %(J), ±10 %(K)
Part No.
0.0010
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0012
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0015
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0018
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0022
15.5
6.0
11.5
16.5
12.5
10.0
1.0
0.60
0.0027
15.5
6.5
12.0
17.0
12.5
10.0
1.0
0.60
0.0033
15.5
6.0
11.5
16.5
12.5
10.0
1.0
0.60
0.0039
15.5
6.5
12.0
17.0
12.5
10.0
1.0
0.60
0.0047
15.5
7.0
12.5
17.5
12.5
10.0
1.0
0.60
0.0056
15.5
7.5
13.0
18.0
12.5
10.0
1.0
0.60
0.0068
15.5
7.0
12.5
17.5
12.5
10.0
1.0
0.60
0.0082
15.5
6.5
12.0
17.0
12.5
12.5
1.0
0.60
0.010
15.5
6.0
11.0
16.0
12.5
12.5
1.0
0.60
0.012
15.5
6.0
12.0
17.0
12.5
12.5
1.0
0.60
0.015
15.5
7.0
12.5
17.5
12.5
12.5
1.0
0.60
0.018
15.5
7.5
13.0
20.0
12.5
12.5
1.0
0.80
0.022
15.5
7.5
15.5
22.5
12.5
12.5
1.0
0.80
0.027
21.0
6.0
13.0
18.0
17.5
12.5
1.0
0.80
0.033
21.0
6.5
14.0
19.0
17.5
12.5
1.0
0.80
0.039
21.0
7.0
14.5
19.5
17.5
12.5
1.0
0.80
0.047
21.0
7.5
15.5
20.5
17.5
12.5
1.0
0.80
0.056
21.0
7.5
17.0
22.0
17.5
12.5
1.0
0.80
0.068
21.0
8.5
18.0
23.0
17.5
12.5
1.0
0.80
0.082
21.0
9.0
18.5
23.5
17.5
12.5
1.0
0.80
0.10
21.0
10.0
20.0
25.0
17.5
12.5
1.0
0.80
0.12
26.0
9.0
18.5
23.5
22.5
17.5
1.0
0.80
0.15
26.0
10.0
20.0
25.0
22.5
17.5
1.5
0.80
0.18
26.0
10.5
22.0
27.0
22.5
17.5
1.5
0.80
0.22
26.0
12.0
23.0
28.0
22.5
17.5
1.5
0.80
ECQE10102MF()
ECQE10122MF()
ECQE10152MF()
ECQE10182MF()
ECQE10222MF()
ECQE10272MF()
ECQE10332MF()
ECQE10392MF()
ECQE10472MF()
ECQE10562MF()
ECQE10682MF()
ECQE10822MF()
ECQE10103MF()
ECQE10123MF()
ECQE10153MF()
ECQE10183MF()
ECQE10223MF()
ECQE10273MF()
ECQE10333MF()
ECQE10393MF()
ECQE10473MF()
ECQE10563MF()
ECQE10683MF()
ECQE10823MF()
ECQE10104MF()
ECQE10124MF()
ECQE10154MF()
ECQE10184MF()
ECQE10224MF()
Cap.
(µF)
500
400
500
400
500
400
300
Dimensions (mm)
L max.
T max.
FS
Straight Crimped lead
ød
H max.
Straight Crimped lead
G max.
Straight
Suffix for lead crimped or taped type.
Cap. tol. code
Note) This type has two rated voltage, one is DC rated voltage another is AC rated voltage..
DC rated voltage is 1000 V, AC rated voltage is 125 V.
Making for rated voltage is
「1000 V, 125 V
When capacitors use in secondary side of power source, and in case of applying voltage in altering current (50 Hz or 60 Hz sine wave)
to a capacitor, please refer to the page of ''Permissible voltage (R.M.S) in altering current corresponding to DC rated voltage''.
When capacitors use in primary side of power source, the rated voltage is shown 125 VAC. Voltage to be applied to capacitors in only
sine wave (50 Hz or 60 Hz).
AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''. And not complying with clause 2 of
''Electrical Appliance and Material Safety Law'', in this case please use ECQUL type or ECQUG type
Ammo
7.5 mm
Quantity
Style D: 0.0010 µF to 0.022 µF
Style B: 0.027 µF to 0.22 µF


Similar Part No. - ECQE1125MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE1125MF PANASONIC-ECQE1125MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE1125MF PANASONIC-ECQE1125MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE1125MF PANASONIC-ECQE1125MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE1125MF PANASONIC-ECQE1125MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE1125MF PANASONIC-ECQE1125MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE1125MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE6822F PANASONIC-ECQE6822F Datasheet
173Kb / 9P
   Self-healing property
logo
Kemet Corporation
C4A KEMET-C4A Datasheet
287Kb / 3P
   Self-Healing
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
   Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
   Self-healing properties
logo
MRV Communications, Inc...
EM316OSSH MRV-EM316OSSH Datasheet
396Kb / 3P
   Optical Self-Healing Switch
logo
Vishay Siliconix
GTO1200-2R VISHAY-GTO1200-2R Datasheet
55Kb / 2P
   Snubber Capacitors, Dry Self-healing
Revision 25-Mar-02
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
   Small size ??Self Healing ??Low Cost
logo
Vishay Siliconix
GTO2940-12RP VISHAY-GTO2940-12RP Datasheet
43Kb / 2P
   GTO Clamping Capacitors, Self-healing, Segmented
Revision 14-Jan-02
logo
Illinois Capacitor, Inc...
MTB ILLINOISCAPACITOR-MTB Datasheet
278Kb / 3P
   Self Healing ??Small Size ??Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com