Selected language     English  ā–¼


H-201C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. H-201C
Description  90 BI-LEVEL LED ASSY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
If
(m A)
Iv
(m cd)
TYP
TYP
MAX
TYP
STANDARD
Data @ 20m A
H201CBWD
430
BLUE
DIFFUSED
20
4.0
4.5
10
40
3BWD-S
H201CGD
568
GREEN
DIFFUSED
20
2.1
2.8
25
40
3GD-S
H201CGC
568
GREEN
WATER CLEAR
20
2.1
2.8
40
30
3GC-S
H201CYD
590
YELLOW
DIFFUSED
20
2.0
2.8
20
40
3YD-S
H201CHD
625
HE RED
DIFFUSED
20
2.0
2.8
30
40
3HD-S
H201CRD
700
RED
DIFFUSED
20
2.1
2.8
2
40
3RD-S
H201CSRD
645
SUPER RED
DIFFUSED
20
1.7
2.4
40
40
3SRD-S
H201CAD
605
AMBER
DIFFUSED
20
2
2.8
25
40
3AD-S
LOW CURRENT
Data @ 2m A
H201CGDL
568
GREEN
DIFFUSED
2
2.1
2.6
2
40
3GDL-S
H201CYDL
590
YELLOW
DIFFUSED
2
2.0
2.6
2
40
3YDL-S
H201CHDL
625
HE RED
DIFFUSED
2
2.0
2.6
3
40
3HDL-S
H201CRDL
700
RED
DIFFUSED
2
2.1
2.6
1
40
3RDL-S
5 VOLT
Data @ 5V
H201CGD5V
568
GREEN
DIFFUSED
-
-
5.0
25
40
3GD5V-S
H201CYD5V
590
YELLOW
DIFFUSED
-
-
5.0
20
40
3YD5V-S
H201CHD5V
625
HE RED
DIFFUSED
-
-
5.0
30
40
3HD5V-S
H201CRD5V
700
RED
DIFFUSED
-
-
5.0
2
40
3RD5V-S
LED Assy. No.
Lens
Appearance
LED P/N
Em itted Color
Peak Wave
Length
Ī»p(nm )
View ing
Angle
2
Ā½
(Deg)
Vf
(V)
Electro-Optical Data




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl