Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL0531 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # HCPL0531
Description  Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0531 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button HCPL0531 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 10Page - Fairchild Semiconductor HCPL0531 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0XXX Rev. 1.0.4
7
Pulse Gen
CM
V
V
FF
B
A
+-
+5 V
O
V
-
I
F
3
4
+
F
V
-
2
1
Shield
Noise
6
O
5
GND
7
8
V
B
V
CC
V
L
R
PLH
OL
V
VO
0
5 V
1.5 V
F
I
1.5 V
T
PHL
T
Switch at A : I = 0 mA
F
Switch at A : I = 16 mA
F
tr
VO
O
V
OL
V
5 V
0 V
10%
10%
90%
CM
V
10 V
4
5
Noise
1
2
3
Shield
8
7
6
+5 V
O
V
VCC
V01
V02
GND
VF1
-
+
F2
V
-
F
I
+
10% DUTY CYCLE
I/f < 100
µS
F
I
MONITOR
L
R
C = 1.5
µF
L
Pulse
Generator
tr = 5ns
Z = 50
O
GND
+
4
5
1
3
2
-
F2
V
VF1
-
Shield
Noise
+5 V
CC
8
V
L
V
6
02
V
7
R
01
VO
V
CM
A
B
Pulse Gen
F
I
+-
+
3
I Monitor
F
4
I/f < 100
µs
10% D.C.
tr = 5ns
Generator
Pulse
Z = 50
O
+
V
F
I
F
-
2
1
Shield
Noise
V
O
O
6
5
GND
7
8
V
B
V
L
R
CC
V
+5 V
0.1
µF
L
C = 1.5
µF
0.1
µF
Test Circuit for HCPL0452, HCPL0453, HCPL0500 and HCPL0501
Test Circuit for HCPL0530, HCPL0531 and HCPL0534
Test Circuit for HCPL0452, HCPL0453, HCPL0500 and HCPL0501
Test Circuit for HCPL0530, HCPL0531 and HCPL0534
f
t
0.1
µF
0.1
µF
FF
V
m
R
m
R
90%
Fig. 8 Common Mode Immunity Test Circuit
Fig. 7 Switching Time Test Circuit


Similar Part No. - HCPL0531

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0531 FAIRCHILD-HCPL0531 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0531 FAIRCHILD-HCPL0531 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0531 FAIRCHILD-HCPL0531 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0531 FAIRCHILD-HCPL0531 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0531 FAIRCHILD-HCPL0531 Datasheet
335Kb / 12P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL0531

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0453 FAIRCHILD-HCPL0453_09 Datasheet
335Kb / 12P
   Single Channel: HCPL0452 HCPL0453 HCPL0500 HCPL0501 Dual Channel: HCPL0530 HCPL0531 HCPL0534
logo
Sames
SA4104AB SAMES-SA4104AB Datasheet
564Kb / 18P
   Single Channel Single Phase Energy
SA4106A SAMES-SA4106A Datasheet
568Kb / 18P
   Single Channel Single Phase Energy
logo
List of Unclassifed Man...
MMC4067 ETC-MMC4067 Datasheet
210Kb / 5P
   SINGLE 16-CHANNEL
logo
International Rectifier
IR2117SPBF IRF-IR2117SPBF Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
logo
Jingjing Microelectroni...
EG8305 EGMICRO-EG8305 Datasheet
660Kb / 11P
   SIngle-channel D
logo
List of Unclassifed Man...
310B ETC-310B Datasheet
49Kb / 1P
   SINGLE-CHANNEL AUDIO
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF Datasheet
378Kb / 19P
   SINGLE CHANNEL DRIVER
logo
Fairchild Semiconductor
FODB100 FAIRCHILD-FODB100 Datasheet
143Kb / 8P
   SINGLE CHANNEL MICROCOUPLER?
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF_15 Datasheet
902Kb / 26P
   SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com