Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-386Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-386Z
Description  General Purpose RF PIN Diodes In Surface Mount SOD-323 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-386Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-386Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-386Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-386Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-386Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-386Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Table 1. Absolute Maximum Ratings [1] at Tc = +25°C
Table 2. Electrical Specifications at Tc = +25°C
Table 3. Typical Parameters at Tc = +25°C
Symbol
Parameter
Unit
Max Rating
If
Forward Current (1 µs Pulse)
Amp
1
PIV
Peak Inverse Voltage
V
100
Tj
Junction Temperature
0C150
Tstg
Storage Temperature
0C
-60 to 150
θ
jb
Thermal Resistance[2]
0C/W
135
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. Thermal Resistance is measured from junction to board using IR method.
Minimum Breakdown Voltage
VBR (V)
Typical Total Resistance
RS (Ohm)
Typical Total Capacitance
CT (pF)
50
3.0/1.5*
0.20
Test Conditions
VR = VBR
Measure IR
≤ 10uA
IF = 10mA/100mA*
f = 100 MHz
VR = 50V
f = 1MHz
Series Resistance
RS (Ohm)
Carrier Lifetime
τ (ns)
Reverse Recovery
Time Trr (ns)
Total Capacitance
CT (pF)
22
500
80
0.20
Test Conditions
IF = 1 mA
f = 100 MHz
IF = 50mA
IR = 250mA
VR = 10V
IF = 20mA
90% Recovery
VR = 50V
f = 1MHz


Similar Part No. - HSMP-386Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3860 HP-HSMP-3860 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-3860 HP-HSMP-3860 Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860 Datasheet
356Kb / 10P
   Surface Mount PIN Diodes Matched Diodes for Consistent Performance
HSMP-3860 AVAGO-HSMP-3860 Datasheet
356Kb / 10P
   Unique Configurations in Surface Mount Packages
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-386Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389Z AVAGO-HSMP-389Z Datasheet
99Kb / 5P
   RF Switching PIN Diodes In Surface Mount SOD-323 Package
HSMP-381Z-TR1G AVAGO-HSMP-381Z-TR1G Datasheet
182Kb / 5P
   Low Distortion Attenuator RF PIN Diodes In Surface Mount SOD-323 Package
HSMS-282Z AVAGO-HSMS-282Z Datasheet
230Kb / 5P
   RF Schottky Barrier Diodes In Surface Mount SOD-323 Package
HSMP-389Y AVAGO-HSMP-389Y Datasheet
180Kb / 4P
   RF Switching PIN Diodes In Surface Mount SOD-523 Package
HSMS-282Y AVAGO-HSMS-282Y Datasheet
199Kb / 5P
   RF Schottky Barrier Diodes In Surface Mount SOD-523 Package
logo
WILLAS ELECTRONIC CORP
BZT52-C2V4S WILLAS-BZT52-C2V4S Datasheet
303Kb / 3P
   200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
Protek Devices
GBLC PROTEC-GBLC Datasheet
498Kb / 7P
   SOD-323 PACKAGE
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
445Kb / 7P
   SOD-323 PACKAGE
PESD1LIN PROTEC-PESD1LIN_15 Datasheet
388Kb / 6P
   SOD-323 PACKAGE
logo
Yea Shin Technology Co....
MM3Z2V4C YEASHIN-MM3Z2V4C Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com