Electronic Components Datasheet Search |
|
ECJ0EG1H121 Datasheet(PDF) 6 Page - Panasonic Semiconductor |
|
ECJ0EG1H121 Datasheet(HTML) 6 Page - Panasonic Semiconductor |
6 / 12 page – EC13 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(For General Usage) ■ Standard Products for EIA “0201”, Taped Version ● Class 1 ◆ Temperature Characteristic Code : C (Temperature Characteristics : C∆) Rated voltage DC 25 V DC 16 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. CK CJ CH CG CK CJ CH CG 0.5 ±0.25 pF(C) ECJZEC1E0R5C 0.3 ——— 1 ±0.25 pF (C) or ±0.5 pF (D) ECJZEC1E010 0.3 ——— 1.5 ECJZEC1E1R5 0.3 ——— 2 ECJZEC1E020 0.3 ——— 3 ECJZEC1E030 0.3 — —— 4 ECJZEC1E040 0.3 — — — 5 ECJZEC1E050 0.3 — — — 6 ±0.5 pF (D) ECJZEC1E060D 0.3 — — — 7 ECJZEC1E070D 0.3 — — — 8 ECJZEC1E080D 0.3 — — — 9 ECJZEC1E090D 0.3 — — — 10 ±0.5 pF (D) or ±1 pF (F) ECJZEC1E100 0.3 — — 12 ±5 % (J) or ±10 % (K) ECJZEC1E120 0.3 — — 15 ECJZEC1E150 0.3 — — 18 ECJZEC1E180 0.3 — — 22 ECJZEC1E220 0.3 — — 27 ECJZEC1E270 0.3 — — 33 ECJZEC1E330 0.3 — — 39 ECJZEC1C390 0.3 — — 47 ECJZEC1C470 0.3 — — 56 ECJZEC1C560 0.3 — — 68 ECJZEC1C680 0.3 — — 82 ECJZEC1C820 0.3 — — 100 ECJZEC1C101 0.3 — — Rated voltage DC 50 V DC 25 V DC 16 V DC 10 V DC 6.3 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. B X7R X5R B X7R X5R B X7R X5R B X7R X5R B X7R X5R 150 ±10 % (K) or ±20 % (M) ECJZEB1H151 0.3 — ECJZEB1E151 0.3 — 220 ECJZEB1H221 0.3 — ECJZEB1E221 0.3 — 330 ECJZEB1H331 0.3 — ECJZEB1E331 0.3 — 470 ECJZEB1H471 0.3 — ECJZEB1E471 0.3 — 680 ECJZEB1H681 0.3 — ECJZEB1E681 0.3 — 1000 ECJZEB1H102 0.3 — ECJZEB1E102 0.3 — 1500 ECJZEB1E152 0.3 — ECJZEB1C152 0.3 — 2200 ECJZEB1E222 0.3 — ECJZEB1C222 0.3 — 3300 ECJZEB1C332 0.3 — ECJZEB1A332 0.3 — 4700 ECJZEB1A472 0.3 —— ECJZEB0J472 0.3 —— 6800 ECJZEB1A682 0.3 —— ECJZEB0J682 0.3 —— 10000 ECJZEB1A103 0.3 —— ECJZEB0J103 0.3 —— 15000 ECJZEB1A153 0.3 —— ECJZEB0J153 0.3 —— 22000 ECJZEB1A223 0.3 —— ECJZEB0J223 0.3 —— 33000 ECJZEB1A333 0.3 —— ECJZEB0J333 0.3 —— 47000 ECJZEB1A473 0.3 —— ECJZEB0J473 0.3 —— 68000 ECJZEB1A683 0.3 —— ECJZEB0J683 0.3 —— 100000 ECJZEB1A104 0.3 —— ECJZEB0J104 0.3 —— 220000 ECJZEB0J224M 0.3 —— ● Class 2 Capacitors ◆ Temperature Characteristic Code : B (Temperature Characteristics : B, X7R, X5R) : Capacitance tolerance code : “ ” for “K” or “M” Standard packaging quantity of Packaging Style Code “E” (T = 0.3 mm): 15,000 pcs./reel Recommend soldering method: Reflow soldering. : Capacitance tolerance code. Standard packaging quantity of Packaging Style Code “E” (T = 0.3 mm): 15,000 pcs./reel Recommend soldering method: Reflow soldering. Sep. 2008 00 |
Similar Part No. - ECJ0EG1H121 |
|
Similar Description - ECJ0EG1H121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |