Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDOSK2674 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EDOSK2674
Description  Old Company Name in Catalogs and Other Documents
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EDOSK2674 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EDOSK2674 Datasheet HTML 6Page - Renesas Technology Corp EDOSK2674 Datasheet HTML 7Page - Renesas Technology Corp EDOSK2674 Datasheet HTML 8Page - Renesas Technology Corp EDOSK2674 Datasheet HTML 9Page - Renesas Technology Corp EDOSK2674 Datasheet HTML 10Page - Renesas Technology Corp EDOSK2674 Datasheet HTML 11Page - Renesas Technology Corp EDOSK2674 Datasheet HTML 12Page - Renesas Technology Corp EDOSK2674 Datasheet HTML 13Page - Renesas Technology Corp EDOSK2674 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
2.
EDOSK2674 BLOCK DIAGRAM
The EDOSK2674 is designed around a H8/2674R MCU and includes FLASH memory, SDRAM, real-time clock, an
interface to a local expansion card, an interface for IO connections, a serial port and a LAN port.
The figure below shows the block diagram of the EDOSK2674 board.
H8S
2674R
LQFP144
SDRAM
8MByte
Boot
FLASH
512KByte
Main
FLASH
4MByte
LAN
10Mbps
RTC
RS232
XTAL
&
BATT
Expansion Connector
Memory Mapped Peripherals
RJ45
DB9
(Female)
Auxiliary I/O Connector
I/O Peripherals
Power
Jack
3.3v Reg
x2
FIGURE 2-1: EDOSK BLOCK DIAGRAM
2.1. POWER SUPPLY
The EDOSK hardware requires a power supply of +5V. Since total power consumption can vary widely due to external
connections, port states, and memory configuration, use a power supply capable of providing at least 500mA at +5V DC ±
5%.
The design is specified for evaluation of the MCU and so does not include circuitry for supply filtering/noise reduction, under
voltage protection, over current protection or reversed polarity protection. Caution should be used when selecting and using
a power supply.
The power connector on the EDOSK is a 2.5mm Barrel connector. The center pin is the positive connection.
FIGURE 2-2: POWER SUPPLY CONNECTION
Caution: Existing customers using E6000 products note that the polarity of this board is opposite to that for the
E6000. Use of the E6000 power supply with this board will damage both board and power supply.
2.2. OPERATING MODES
The H8/2674R has only two modes of operation set by jumper configuration:
Mode 1: (MD2=0, MD1=0, MD0=1) Advanced, External Data Bus initial Width is 16 bits. – EDOSK NORMAL mode.
Mode 2: (MD2=0, MD1=1, MD0=0) Advanced, External Data Bus initial Width is 8 bits. – EDOSK BOOT mode.
The H8/2674R has no internal Flash memory. On power-up the EDOSK mode (Boot or Normal) selects the Flash memory
from which the H8/2674R first accesses.
7


Similar Description - EDOSK2674

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com