Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTACP-MG Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # ZTACP-MG
Description  SMD CERAMIC RESONATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

ZTACP-MG Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  ZTACP-MG Datasheet HTML 1Page - PETERMANN-TECHNIK ZTACP-MG Datasheet HTML 2Page - PETERMANN-TECHNIK ZTACP-MG Datasheet HTML 3Page - PETERMANN-TECHNIK ZTACP-MG Datasheet HTML 4Page - PETERMANN-TECHNIK ZTACP-MG Datasheet HTML 5Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13
D-86899 Landsberg am Lech
Fon: +49/8191/305395
Fax: +49/8191/305397
www.petermann-technik.com
info@petermann-technik.com
Premium Quality by
PETERMANN-TECHNIK
CRYSTALS
OSCILLATORS
CERAMIC RESONATORS
CERAMIC FILTERS
SAW COMPONENTS
Spec.01 • REV.00 • August 2013
Part Number
L
W
H
P1
P2
T
ZTACC-MG
ZTTCC-MG
7.4±0.2
3.4±0.2
1.8±0.2
1.2±0.2
1.2±0.2
5.0±0.2
2.5±0.2
ZTACR-MG
ZTTCR-MG
4.5±0.2
2.0±0.2
1.2max
0.8±0.2
0.8±0.2
1.5±0.2
ZTACE-MG
ZTTCE-MG
3.2±0.2
1.3±0.2
1.0max
0.4±0.2
0.4±0.2
1.2±0.2
ZTACS-MT/MX
ZTTCS-MT/MX
4.7±0.2
4.1±0.2
(1.2+A)±0.2
1.0±0.2
0.8±0.2
3.9±0.2
1.95±0.2
ZTACV-MT/MX
ZTTCV-MT/MX
3.7±0.2
3.1±0.2
(1.0+A)±0.2
0.9±0.2
0.7±0.2
3.0±0.2
1.5±0.2
ZTACW-MX
ZTTCW-MX
2.5±0.2
2.0±0.2
1.2max
0.5±0.2
0.4±0.2
2.0±0.2
1.0±0.2
ZTACZ-MX
ZTTCZ-MX
2.2±0.2
1.8±0.2
1.2max
0.4±0.2
0.5±0.2
1.7±0.2
0.85±0.2
ZTACP-MG
ZTTCP-MG
6.0±0.2
3.0±0.2
1.8±0.2
1.5±0.2
1.7±0.2
1.2±0.2
1.2±0.2
5.0±0.2
2.5±0.2
Note: A stands for thickness of the ceramic element, which varies with the frequency. The range of the thickness difference
is 0.1 to 0.7 mm.
No middle terminal for ZTA series.
DIMENSIONS
ISO 9001:2008


Similar Part No. - ZTACP-MG

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ZTACPMG AITSEMI-ZTACPMG Datasheet
178Kb / 1P
   CERAMIC RESONATOR ZTA/ZTACx
More results

Similar Description - ZTACP-MG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCE11.06MG LUGUANG-ZTTCE11.06MG Datasheet
1Mb / 9P
   SMD Ceramic Resonators
ZTTCE14.56MG LUGUANG-ZTTCE14.56MG Datasheet
478Kb / 9P
   SMD Ceramic Resonators
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
   SMD Resonators
27/03/2008
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
   SMD Resonators
01/108/07
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
Advanced Crystal Techno...
ZTTCV ACT-ZTTCV Datasheet
193Kb / 2P
   SMD Resonators
10/10/05
ACTZTTCW ACT-ACTZTTCW Datasheet
168Kb / 2P
   SMD Resonators
10/10/05
ACTZTTCS ACT-ACTZTTCS Datasheet
191Kb / 2P
   SMD Resonators
10/10/05
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
   SMD Resonators
28/09/05
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
   SMD Resonators
28/09/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com