Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE4125 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ECQE4125
Description  Metallized Polyester Film Capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE4125 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ECQE4125 Datasheet HTML 7Page - Panasonic Semiconductor ECQE4125 Datasheet HTML 8Page - Panasonic Semiconductor ECQE4125 Datasheet HTML 9Page - Panasonic Semiconductor ECQE4125 Datasheet HTML 10Page - Panasonic Semiconductor ECQE4125 Datasheet HTML 11Page - Panasonic Semiconductor ECQE4125 Datasheet HTML 12Page - Panasonic Semiconductor ECQE4125 Datasheet HTML 13Page - Panasonic Semiconductor ECQE4125 Datasheet HTML 14Page - Panasonic Semiconductor ECQE4125 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.56
564
12.32
0.68
684
15.0
0.82
824
18.0
1.00
105
22.0
1.20
125
13.2
1.50
155
17.1
1.80
185
19.8
2.20
225
24.2
2.70
275
29.7
3.30
335
36.3
3.90
395
23.4
4.70
475
28.2
5.60
565
33.6
6.80
685
40.8
8.20
825
49.2
10.00
106
60.0
Pulse Handling Capability (dV/dt)
(Max 10000cycles)
Voltage Derating by Temperature
Permissible Current
Permissible Voltage
6
22
100VDC
11
0
20
40
60
80
100
120
-60 -40 -20
0
20
40
60
80 100 120
0.1
1
10
100
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECQE(F) Type 100VDC Series (Metallized Polyester Film)
Applicable Specifications
Frequency (kHz)
(at sinewave)
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
1.0uF
2.2uF
4.7uF
10uF
1.0uF
2.2uF
4.7uF
10uF
From 0.56uF to 10uF


Similar Part No. - ECQE4125

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE4125 PANASONIC-ECQE4125 Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4125 PANASONIC-ECQE4125 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4125 PANASONIC-ECQE4125 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE4125 PANASONIC-ECQE4125 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE4125 PANASONIC-ECQE4125 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE4125

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com