Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHU1H123 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECHU1H123
Description  Stacked Metallized PPS Film Chip Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1H123 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ECHU1H123 Datasheet HTML 2Page - Panasonic Semiconductor ECHU1H123 Datasheet HTML 3Page - Panasonic Semiconductor ECHU1H123 Datasheet HTML 4Page - Panasonic Semiconductor ECHU1H123 Datasheet HTML 5Page - Panasonic Semiconductor ECHU1H123 Datasheet HTML 6Page - Panasonic Semiconductor ECHU1H123 Datasheet HTML 7Page - Panasonic Semiconductor ECHU1H123 Datasheet HTML 8Page - Panasonic Semiconductor ECHU1H123 Datasheet HTML 9Page - Panasonic Semiconductor ECHU1H123 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Rating
Voltage
Capacitance
Value(uF)
code
dV/dt
(V/us)
Current
(Ao-p)
0.00010
101
1100
0.11
0.00012
121
1050
0.13
0.00015
151
940
0.14
0.00018
181
890
0.16
0.00022
221
800
0.18
0.00027
271
730
0.20
0.00033
331
690
0.23
0.00039
391
610
0.24
0.00047
471
580
0.27
0.00056
561
520
0.29
0.00068
681
480
0.33
0.00082
821
440
0.36
0.0010
102
400
0.40
0.0012
122
370
0.44
0.0015
152
340
0.51
0.0018
182
310
0.56
0.0022
222
270
0.59
0.0027
272
260
0.70
DC
50V
1
10
100
10
100
0.22uF
0.18uF
0.15uF
0.12uF
0.10uF
0.082uF
0.068uF
0.056uF
0.047uF
1
10
100
10
100
1000
From 3300pF to 0.012uF
From 0.015uF
to 0.039uF
(Stacked Metallized Film)
Permissible Voltage
Permissible Voltage
Applicable Specifications
Frequency(kHz)
Frequency(kHz)
ECHU (X) Type
DC50V series
*Please consult Panasonic if your condition exceeds the above
*The current(0-P) value is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
Rating
Voltage
Capacitance
Value(uF)
code
dV/dt
(V/us)
Current
(Ao-p)
0.0033
332
240
0.79
0.0039
392
220
0.86
0.0047
472
200
0.94
0.0056
562
190
1.06
0.0068
682
170
1.16
0.0082
822
160
1.31
0.010
103
145
1.45
0.012
123
135
1.62
0.015
153
120
1.80
0.018
183
110
1.98
0.022
223
100
2.20
0.027
273
94
2.54
0.033
333
86
2.84
0.039
393
78
3.04
DC
50V
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
(at sine wave)
(at sine wave)
Pulse Handling Capability (dv/dt)
(Max 10000cycles)


Similar Part No. - ECHU1H123

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1H123 PANASONIC-ECHU1H123 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H123 PANASONIC-ECHU1H123 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H123 PANASONIC-ECHU1H123 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H123 PANASONIC-ECHU1H123 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H123 PANASONIC-ECHU1H123 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1H123

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C222JX5 PANASONIC-ECH-U1C222JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com