Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFCD0G560XE Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEFCD0G560XE
Description  SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCD0G560XE Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEFCD0G560XE Datasheet HTML 1Page - Panasonic Semiconductor EEFCD0G560XE Datasheet HTML 2Page - Panasonic Semiconductor EEFCD0G560XE Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EEF-7 –
Standard Products
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mouting Specifications”.
✽4: Please use high temperature Lead-Free reflow (260 °C) for new design.
✽5: In the case of new design please contact us.
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(μF)
Case Size
Specification
Part number
Reflow condition
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m
Ω max.)
240 °C
✽3
260 °C
✽3
FD
2
68
7.3
4.3
1.1
2.0
28
EEFFD0D680R
✽5
3500
2.5
56
7.3
4.3
1.1
2.0
28
EEFFD0E560R
✽5
3500
4
39
7.3
4.3
1.1
2.0
28
EEFFD0G390R
✽5
3500
47
7.3
4.3
1.1
2.0
28
EEFFD0G470R
✽5
3500
6.3
33
7.3
4.3
1.1
2.0
28
EEFFD0J330R
✽5
3500
8
22
7.3
4.3
1.1
2.0
28
EEFFD0K220R
✽5
3500
12.5
15
7.3
4.3
1.1
1.4
40
EEFFD1B150R
✽5
3500
CD
2
100
7.3
4.3
1.8
2.5
18
EEFCD0D101ER
✽4
3500
7.3
4.3
1.8
2.7
15
EEFCD0D101XE
✽4
3500
120
7.3
4.3
1.8
2.5
18
EEFCD0D121ER
✽4
3500
7.3
4.3
1.8
2.7
15
EEFCD0D121XE
✽4
3500
150
7.3
4.3
1.8
2.5
18
EEFCD0D151ER
✽4
3500
180
7.3
4.3
1.8
2.5
18
EEFCD0D181ER
✽4
3500
220
7.3
4.3
1.8
2.5
18
EEFCD0D221ER
✽4
3500
2.5
82
7.3
4.3
1.8
2.5
18
EEFCD0E820ER
✽4
3500
7.3
4.3
1.8
2.7
15
EEFCD0E820XE
✽4
3500
100
7.3
4.3
1.8
2.5
18
EEFCD0E101ER
✽4
3500
7.3
4.3
1.8
2.7
15
EEFCD0E101XE
✽4
3500
120
7.3
4.3
1.8
2.5
18
EEFCD0E121ER
✽4
3500
150
7.3
4.3
1.8
2.5
18
EEFCD0E151ER
✽4
3500
4
56
7.3
4.3
1.8
2.5
18
EEFCD0G560ER
✽4
3500
7.3
4.3
1.8
2.7
15
EEFCD0G560XE
✽4
3500
68
7.3
4.3
1.8
2.5
18
EEFCD0G680ER
✽4
3500
7.3
4.3
1.8
2.7
15
EEFCD0G680XE
✽4
3500
82
7.3
4.3
1.8
2.5
18
EEFCD0G820ER
✽4
3500
7.3
4.3
1.8
2.7
15
EEFCD0G820XE
✽4
3500
100
7.3
4.3
1.8
2.5
18
EEFCD0G101ER
✽4
3500
6.3
10
7.3
4.3
1.8
1.4
55
EEFCD0J100ER
✽4
3500
22
7.3
4.3
1.8
1.6
40
EEFCD0J220ER
✽4
3500
33
7.3
4.3
1.8
2.0
28
EEFCD0J330ER
✽4
3500
47
7.3
4.3
1.8
2.5
18
EEFCD0J470ER
✽4
3500
7.3
4.3
1.8
2.7
15
EEFCD0J470XE
✽4
3500
68
7.3
4.3
1.8
2.5
18
EEFCD0J680ER
✽4
3500
7.3
4.3
1.8
2.7
15
EEFCD0J680XE
✽4
3500
8
8.2
7.3
4.3
1.8
1.4
55
EEFCD0K8R2ER
✽4
3500
15
7.3
4.3
1.8
1.6
40
EEFCD0K150ER
✽4
3500
22
7.3
4.3
1.8
2.0
28
EEFCD0K220ER
✽4
3500
33
7.3
4.3
1.8
2.5
18
EEFCD0K330ER
✽4
3500
47
7.3
4.3
1.8
1.8
25
EEFCD0K470ER
✽4
3500
10
22
7.3
4.3
1.8
1.6
30
EEFCD1A220ER
3500
33
7.3
4.3
1.8
1.8
25
EEFCD1A330ER
3500
39
7.3
4.3
1.8
1.8
25
EEFCD1A390ER
3500
12.5
4.7
7.3
4.3
1.8
1.0
80
EEFCD1B4R7R
✽5
3500
10
7.3
4.3
1.8
1.0
60
EEFCD1B100R
✽5
3500
15
7.3
4.3
1.8
1.3
50
EEFCD1B150R
✽5
3500
22
7.3
4.3
1.8
1.6
30
EEFCD1B220R
✽5
3500
16
2.2
7.3
4.3
1.8
1.0
110
EEFCD1C2R2R
✽5
3500
4.7
7.3
4.3
1.8
1.0
80
EEFCD1C4R7R
✽5
3500
6.8
7.3
4.3
1.8
1.0
70
EEFCD1C6R8R
✽5
3500
8.2
7.3
4.3
1.8
1.3
45
EEFCD1C8R2R
✽5
3500
CX
2
220
7.3
4.3
1.9
2.7
15
EEFCX0D221R
3500
270
7.3
4.3
1.9
3.0
12
EEFCX0D271XR
3500
330
7.3
4.3
1.9
2.7
15
EEFCX0D331R
3500
7.3
4.3
1.9
3.0
12
EEFCX0D331XR
3500
390
7.3
4.3
1.9
2.7
15
EEFCX0D391R
3500
470
7.3
4.3
1.9
2.7
15
EEFCX0D471R
3500
560
7.3
4.3
1.9
2.7
15
EEFCX0D561R
3500
2.5
220
7.3
4.3
1.9
2.7
15
EEFCX0E221R
3500
330
7.3
4.3
1.9
2.7
15
EEFCX0E331R
3500
390
7.3
4.3
1.9
2.7
15
EEFCX0E391R
3500
470
7.3
4.3
1.9
2.7
15
EEFCX0E471R
3500
4
150
7.3
4.3
1.9
2.7
15
EEFCX0G151R
3500
180
7.3
4.3
1.9
2.7
15
EEFCX0G181R
3500
7.3
4.3
1.9
3.0
12
EEFCX0G181XR
3500
220
7.3
4.3
1.9
2.7
15
EEFCX0G221R
3500
7.3
4.3
1.9
3.0
12
EEFCX0G221XR
3500
270
7.3
4.3
1.9
2.7
15
EEFCX0G271R
3500
6.3
100
7.3
4.3
1.9
2.7
15
EEFCX0J101R
3500
120
7.3
4.3
1.9
2.7
15
EEFCX0J121R
3500
150
7.3
4.3
1.9
2.7
15
EEFCX0J151R
3500
7.3
4.3
1.9
3.0
12
EEFCX0J151XR
3500
180
7.3
4.3
1.9
2.7
15
EEFCX0J181R
3500
○ : available, — : not available
00 Nov. 2012


Similar Part No. - EEFCD0G560XE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCD0G560XE PANASONIC-EEFCD0G560XE Datasheet
234Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEFCD0G560XE PANASONIC-EEFCD0G560XE Datasheet
90Kb / 3P
   Surface Mount Type
EEFCD0G560XE PANASONIC-EEFCD0G560XE Datasheet
97Kb / 3P
   SP-Cap Conductive Poiymer Aluminurm Capacitors Specialty Polymer Aluminu Capacitors
EEFCD0G560XE PANASONIC-EEFCD0G560XE Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors
EEFCD0G560XE PANASONIC-EEFCD0G560XE Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFCD0G560XE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEF-SD0G151R PANASONIC-EEF-SD0G151R Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-SX0E471E4 PANASONIC-EEF-SX0E471E4 Datasheet
71Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0K101ER PANASONIC-EEF-UD0K101ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0G151LE PANASONIC-EEF-UD0G151LE Datasheet
107Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-GX0E471R PANASONIC-EEF-GX0E471R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0K220R PANASONIC-EEF-CD0K220R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CX0J101R PANASONIC-EEF-CX0J101R Datasheet
93Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com