Electronic Components Datasheet Search |
|
EETED2D102EA Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
EETED2D102EA Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 2 page Highest ripple current capability for demanding inverter applications 2 and 3 pin versions available 3000 hour life at 105ºC Part Number System Voltage Capacitance Code Code 23 4.0mm 4.0mm HP JQ KR LS TS-ED Standard Ratings (part numbers shown with 6.3mm length terminal and top vinyl plate) Cap. Panasonic Cap. Panasonic (µF) 120Hz 10kHz~ 120Hz 20kHz Part Number (µF) 120Hz 10kHz~ 120Hz 20kHz Part Number 270 22 x 25 1.42 2.03 0.553 0.249 EETED2D271BA 390 22 x 40 1.72 2.45 0.383 0.172 EETED2E391BA 330 22 x 30 1.56 2.23 0.452 0.203 EETED2D331BA 25 x 30 1.71 2.44 0.383 0.172 EETED2E391CA 390 22 x 30 1.71 2.44 0.383 0.172 EETED2D391BA 30 x 25 1.71 2.44 0.383 0.172 EETED2E391DA 25 x 25 1.71 2.44 0.383 0.172 EETED2D391CA 470 22 x 45 1.85 2.64 0.317 0.143 EETED2E471BA 470 22 x 35 1.85 2.64 0.317 0.143 EETED2D471BA 25 x 35 1.85 2.64 0.317 0.143 EETED2E471CA 25 x 30 1.85 2.64 0.317 0.143 EETED2D471CA 30 x 30 1.85 2.64 0.317 0.143 EETED2E471DA 560 22 x 40 2.14 3.05 0.266 0.120 EETED2D561BA 560 25 x 40 2.14 3.05 0.266 0.120 EETED2E561CA 25 x 30 2.14 3.05 0.266 0.120 EETED2D561CA 30 x 30 2.14 3.05 0.266 0.120 EETED2E561DA 30 x 25 2.14 3.05 0.266 0.120 EETED2D561DA 35 x 25 2.14 3.05 0.266 0.133 EETED2E561EA 680 22 x 45 2.42 3.45 0.219 0.099 EETED2D681BA 680 25 x 45 2.42 3.45 0.219 0.099 EETED2E681CA 25 x 35 2.42 3.45 0.219 0.099 EETED2D681CA 30 x 35 2.42 3.45 0.219 0.099 EETED2E681DA 30 x 30 2.42 3.45 0.219 0.099 EETED2D681DA 35 x 30 2.42 3.45 0.219 0.110 EETED2E681EA 820 22 x 50 2.63 3.76 0.182 0.082 EETED2D821BA 820 30 x 40 2.63 3.76 0.182 0.082 EETED2E821DA 25 x 40 2.63 3.76 0.182 0.082 EETED2D821CA 35 x 35 2.63 3.76 0.182 0.091 EETED2E821EA 30 x 30 2.63 3.76 0.182 0.082 EETED2D821DA 1000 30 x 50 2.84 4.06 0.149 0.067 EETED2E102DA 35 x 25 2.63 3.76 0.182 0.091 EETED2D821EA 35 x 40 2.84 4.06 0.149 0.067 EETED2E102EA 1000 25 x 45 2.84 4.06 0.149 0.067 EETED2D102CA 1200 35 x 45 3.13 4.47 0.124 0.062 EETED2E122EA 30 x 35 2.84 4.06 0.149 0.067 EETED2D102DA 1500 35 x 50 3.56 5.08 0.099 0.050 EETED2E152EA 35 x 30 2.84 4.06 0.149 0.067 EETED2D102EA 1200 30 x 40 3.13 4.47 0.124 0.062 EETED2D122DA 82 22 x 25 0.80 1.14 1.617 0.728 EETED2G820BA 35 x 35 3.13 4.47 0.124 0.062 EETED2D122EA 100 22 x 30 0.91 1.30 1.326 0.597 EETED2G101BA 1500 30 x 50 3.56 5.08 0.099 0.050 EETED2D152DA 25 x 25 0.91 1.30 1.326 0.597 EETED2G101CA 35 x 40 3.56 5.08 0.099 0.050 EETED2D152EA 120 22 x 35 1.02 1.46 1.105 0.497 EETED2G121BA 1800 35 x 45 3.84 5.48 0.083 0.041 EETED2D182EA 25 x 30 1.02 1.46 1.105 0.497 EETED2G121CA 2200 35 x 50 4.12 5.89 0.068 0.033 EETED2D222EA 150 22 x 40 1.07 1.53 0.884 0.398 EETED2G151BA 25 x 30 1.07 1.53 0.884 0.398 EETED2G151CA 220 22 x 30 1.28 1.83 0.678 0.305 EETED2E221BA 30 x 25 1.07 1.53 0.884 0.398 EETED2G151DA 270 22 x 30 1.42 2.03 0.553 0.249 EETED2E271BA 180 22 x 45 1.12 1.60 0.737 0.332 EETED2G181BA 25 x 25 1.42 2.03 0.553 0.249 EETED2E271CA 25 x 35 1.12 1.60 0.737 0.332 EETED2G181CA 330 22 x 35 1.64 2.34 0.452 0.203 EETED2E331BA 30 x 30 1.12 1.60 0.737 0.332 EETED2G181DA 25 x 30 1.56 2.23 0.452 0.203 EETED2E331CA 220 22 x 50 1.42 2.03 0.603 0.271 EETED2G221BA 56 ~ 560µF Common Code Endurance: 3000 hours at +105°C with maximum specified ripple current (see page 6) Capacitance Tolerance: Dissipation Factor (120Hz, 20°C): 15% maximum (120Hz, +20°C) 220~2200 µF *Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature. Rated Working Voltage: Leakage Current: Ripple Current Multipliers: 2 3√CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV PVC without top plate Operating Temperature: -40 ~ +105°C -25 ~ +105°C Max 105°C R.C. (Arms) 20°C ESR ( Ω Ω Ω Ω, max.) D x L Max 105°C R.C. (Arms) 20°C ESR ( Ω Ω Ω Ω, max.) Size (mm) 250 VDC Working, 300 VDC Surge (continued) (no suffix) 250 VDC Working, 300 VDC Surge D E B 400 VDC Working, 450 VDC Surge D x L (Please see page 10 for details) J PET sleeve without plate Size (mm) TS-ED Series 105°C, 3000 hours 200 VDC Working, 250 VDC Surge Nominal Capacitance: Series Insulation Options 6.3mm 200 ~ 250 VDC 400 ~ 450 VDC Code ± 20% 35mm 30mm 25mm 22mm C A PVC with top plate Diameter / Terminal Code # of pins: pin length: E E T E D Ripple Current Frequency Factors Frequency(Hz): Multiplier: 50 0.71 60 0.78 100~120 1.0 1.2 1k 1.25 10k~ 1.4 Ripple Current Ambient Temperature Factors* ≤45°C 2.35 60°C 70°C 85°C Ambient Temperature: Multiplier: 1.0 2.0 2.2 500 105°C 1.7 Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. Large Can Aluminum Electrolytic Capacitors |
Similar Part No. - EETED2D102EA |
|
Similar Description - EETED2D102EA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |