Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA05E-050QA-H Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA05E-050QA-H
Description  5W Compact Fixed Blade Power Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA05E-050QA-H Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA05E-050QA-H Datasheet HTML 1Page - Phihong USA Inc. PSA05E-050QA-H Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSA05E Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Rating
100 to 240VAC
AC Input Voltage Range
90 to 264VAC
AC Input Current
0.15A(RMS) max.
Leakage Current
5μA maximum
Input Power Saving
<30mW max
OUTPUT:
Power
5W Continuous
Efficiency
Meets Level V Efficiency Requirements
No-Load Power Saving
0.03W maximum at 115VAC/230VAC
Hold-up Time
10mS min. @ 120VAC and max. load
Short Circuit Protection
Output may be shorted permanently without
damage
Over-voltage Protection
Output shall not exceed 10V
ENVIRONMENTAL:
Temperature
Operation
0 to +40°C
Non-operation
-40 to +85°C
Operation
10 to 90%
Immunity
ESD:
EN61000-4-2. Level 4
Surge:
EN61000-4-5. Level 3
Harmonic:
EN61000-3-2
Flicker:
EN61000-3-3
Emissions
FCC Class B
EN55022 Class B
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000VAC, 10mA for 1
minute
Insulation Resistance
Primary to Secondary: 10M ohm 500VDC
MTBF
100K hours minimum at 120VAC, max load
(measured at ambient 25°C)
DC Output Connector
USB A
Dimension Diagram Unit: mm


Similar Part No. - PSA05E-050QA-H

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA05E-050QL6 PHIHONG-PSA05E-050QL6 Datasheet
199Kb / 3P
   5W Compact Fixed Blade USB Power Adapter
PSA05E-050QL6WS PHIHONG-PSA05E-050QL6WS Datasheet
199Kb / 3P
   5W Compact Fixed Blade USB Power Adapter
More results

Similar Description - PSA05E-050QA-H

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA05S PHIHONG-PSA05S Datasheet
133Kb / 2P
   5W Compact Fixed Blade Power Adapter
PSAA05A-050QL6 PHIHONG-PSAA05A-050QL6 Datasheet
131Kb / 3P
   5W Compact Fixed Blade Power Adapter
PSA05A PHIHONG-PSA05A_14 Datasheet
118Kb / 2P
   5W Compact Fixed Blade Power Adapter
PSA05C PHIHONG-PSA05C Datasheet
115Kb / 2P
   5W Compact Fixed Blade Power Adapter
PSA05A-050QL6 PHIHONG-PSA05A-050QL6 Datasheet
125Kb / 2P
   5W Compact Fixed Blade Power Adapter
PSA05E-050QL6 PHIHONG-PSA05E-050QL6 Datasheet
199Kb / 3P
   5W Compact Fixed Blade USB Power Adapter
PSA05K-050QL6 PHIHONG-PSA05K-050QL6 Datasheet
248Kb / 3P
   5W Compact Fixed Blade USB Power Adapter
PSA05S-050QL6 PHIHONG-PSA05S-050QL6 Datasheet
203Kb / 3P
   5W Compact Fixed Blade USB Power Adapter
PSA05A-050QL6-H PHIHONG-PSA05A-050QL6-H Datasheet
125Kb / 2P
   5W Compact Fixed Blade Power Adapter (North America) Level VI Efficiency Compliant USB Adapter
PSM03C-050Q-3 PHIHONG-PSM03C-050Q-3_18 Datasheet
175Kb / 3P
   2.75W Compact Fixed Blade USB Power Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com