Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA44781 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA44781
Description  Dual Pair Anti-Parallel Non-Magnetic PIN Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA44781 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA44781 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA44781 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dual Pair Anti-Parallel Non-Magnetic PIN Diode
Rev. V4
MA44781
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications:
TA = +25°C, Breakdown Voltage @ IR = 10 µA, Vb = 60 V Minimum
Absolute Maximum Ratings1
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Total current per diode= I (rms) + I (dc) @ +25°C
3. Please refer to application note M538 for surface mounting
instructions.
Parameter
Absolute Maximum
Reverse Voltage
60 V
Forward Current
(Per Diode Pair)
2
2 A
Total Power Dissipation
3
2 W
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +125°C
Junction Temperature
+175°C
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Forward Voltage
IF = 20 µA
V
0.500
0.780
Delta Forward Voltage
IF = 20 µA (between each diodes)
mV
+/- 30
Junction Capacitance
(per diode)
f = 1 MHz, VR = -6.0 V
pF
0.15
0.50
Total Capacitance
VR = 0 V
pF
1.5
3.5


Similar Part No. - MA44781

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA44781 MACOM-MA44781 Datasheet
49Kb / 2P
   Dual Anti- Parallel Pair PIN Diode
logo
M/A-COM Technology Solu...
MA44781 MA-COM-MA44781 Datasheet
48Kb / 2P
   Dual Pair Anti-Parallel Non-Magnetic PIN Diode RoHS Compliant
MA44781 MA-COM-MA44781_15 Datasheet
433Kb / 2P
   Dual Pair Anti-Parallel Non-Magnetic PIN Diode
More results

Similar Description - MA44781

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA44781 MA-COM-MA44781_15 Datasheet
433Kb / 2P
   Dual Pair Anti-Parallel Non-Magnetic PIN Diode
MADP-011048 MA-COM-MADP-011048 Datasheet
849Kb / 7P
   Dual Pair Anti-Parallel Non-Magnetic PIN
MA44781 MA-COM-MA44781 Datasheet
48Kb / 2P
   Dual Pair Anti-Parallel Non-Magnetic PIN Diode RoHS Compliant
MA45471 MA-COM-MA45471 Datasheet
173Kb / 2P
   Dual Anti-Parallel Non-Magnetic PIN Diode
MA45471 MA-COM-MA45471_15 Datasheet
173Kb / 2P
   Dual Anti-Parallel Non-Magnetic PIN Diode
logo
Tyco Electronics
MA44781 MACOM-MA44781 Datasheet
49Kb / 2P
   Dual Anti- Parallel Pair PIN Diode
logo
M/A-COM Technology Solu...
MADL-011021-14150T MA-COM-MADL-011021-14150T_15 Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T_16 Datasheet
876Kb / 6P
   PIN-Schottky Anti-Parallel Diode Limiter
MADP-011034-10720T MA-COM-MADP-011034-10720T_15 Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com