Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB20235 Datasheet(PDF) 1 Page - Ericsson

Part # PTB20235
Description  70 Watts, 2.1-2.2 GHz Wideband CDMA Power Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20235 Datasheet(HTML) 1 Page - Ericsson

  PTB20235 Datasheet HTML 1Page - Ericsson PTB20235 Datasheet HTML 2Page - Ericsson PTB20235 Datasheet HTML 3Page - Ericsson PTB20235 Datasheet HTML 4Page - Ericsson PTB20235 Datasheet HTML 5Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
e
1
PTB 20235
70 Watts, 2.1–2.2 GHz
Wideband CDMA Power Transistor
Package 20225 *
20235
LOT
CODE
0
20
40
60
80
100
120
04
8
12
16
20
Input Power (Watts)
VCC = 26 V
ICQ = 150 mA Total
f = 2.2 GHz
Typical Output Power vs. Input Power
Description
The 20235 is a class AB, NPN, push-pull RF power transistor intended
for 26 Vdc operation from 2.1 to 2.2 GHz. Rated at 70 watts PEP
minimum output power, it is specifically intended for operation as a
final stage in Wide CDMA systems. Ion implantation, nitride surface
passivation and gold metallization ensure excellent device reliability.
100% lot traceability is standard.
• 70 Watts, 2.1–2.2 GHz
• Class AB Characteristics
• Gold Metallization
• Silicon Nitride Passivated
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCER
55
Vdc
Collector-Base Voltage
VCBO
55
Vdc
Emitter-Base Voltage (collector open)
VEBO
3.5
Vdc
Collector Current (continuous)
IC
12
Adc
Total Device Dissipation at Tflange = 25°C
PD
320
Watts
Above 25°C derate by
1.83
W/°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance (Tflange = 70°C)
RθJC
0.547
°C/W
* This package not recommended for class A or CW operation. Two PTB 20245s recommended for CW operation.
9/28/98


Similar Part No. - PTB20235

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20230 ERICSSON-PTB20230 Datasheet
152Kb / 4P
   45 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
PTB20237 ERICSSON-PTB20237 Datasheet
541Kb / 4P
   150 Watts, 470-860 MHz UHF TV Power Transistor
PTB20239 ERICSSON-PTB20239 Datasheet
449Kb / 3P
   12 Watts, 1465-1513 MHz Cellular Radio RF Power Transistor
More results

Similar Description - PTB20235

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20245 ERICSSON-PTB20245 Datasheet
303Kb / 5P
   35 Watts, 2.1-2.2 GHz Wide-Band CDMA Power Transistor
PTF10048 ERICSSON-PTF10048 Datasheet
233Kb / 6P
   30 Watts, 2.1-2.2 GHz, W-CDMA GOLDMOS Field Effect Transistor
PTF10119 ERICSSON-PTF10119 Datasheet
141Kb / 4P
   12 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10134 ERICSSON-PTF10134 Datasheet
318Kb / 7P
   100 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10122 ERICSSON-PTF10122 Datasheet
263Kb / 6P
   50 Watts WCDMA, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
logo
Transcom, Inc.
TC3143 TRANSCOM-TC3143 Datasheet
124Kb / 4P
   2.1 - 2.2 GHz 2W MMIC
logo
Mitsubishi Electric Sem...
MGFS52B2122 MITSUBISHI-MGFS52B2122 Datasheet
61Kb / 1P
   2.1 = 2.2 GHz BAND 100W GsAs FET
MGFS52BN2122A MITSUBISHI-MGFS52BN2122A Datasheet
925Kb / 8P
   2.1-2.2 GHz BAND 160W GaAs FET
logo
New Jersey Semi-Conduct...
BF748 NJSEMI-BF748 Datasheet
74Kb / 2P
   NPN1 GHz wideband transistor
logo
Johanson Technology Inc...
2100BL15A100 JOHANSON-2100BL15A100 Datasheet
124Kb / 2P
   2.1 Ghz Balun
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com