Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETED2E821EA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EETED2E821EA
Description  Large Can Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETED2E821EA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EETED2E821EA Datasheet HTML 1Page - Panasonic Semiconductor EETED2E821EA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Highest ripple current capability for demanding inverter applications
2 and 3 pin versions available
3000 hour life at 105ºC
Part Number System
Voltage
Capacitance
Code
Code
23
4.0mm
4.0mm
HP
JQ
KR
LS
TS-ED Standard Ratings (part numbers shown with 6.3mm length terminal and top vinyl plate)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
270
22 x 25
1.42
2.03
0.553
0.249
EETED2D271BA
390
22 x 40
1.72
2.45
0.383
0.172
EETED2E391BA
330
22 x 30
1.56
2.23
0.452
0.203
EETED2D331BA
25 x 30
1.71
2.44
0.383
0.172
EETED2E391CA
390
22 x 30
1.71
2.44
0.383
0.172
EETED2D391BA
30 x 25
1.71
2.44
0.383
0.172
EETED2E391DA
25 x 25
1.71
2.44
0.383
0.172
EETED2D391CA
470
22 x 45
1.85
2.64
0.317
0.143
EETED2E471BA
470
22 x 35
1.85
2.64
0.317
0.143
EETED2D471BA
25 x 35
1.85
2.64
0.317
0.143
EETED2E471CA
25 x 30
1.85
2.64
0.317
0.143
EETED2D471CA
30 x 30
1.85
2.64
0.317
0.143
EETED2E471DA
560
22 x 40
2.14
3.05
0.266
0.120
EETED2D561BA
560
25 x 40
2.14
3.05
0.266
0.120
EETED2E561CA
25 x 30
2.14
3.05
0.266
0.120
EETED2D561CA
30 x 30
2.14
3.05
0.266
0.120
EETED2E561DA
30 x 25
2.14
3.05
0.266
0.120
EETED2D561DA
35 x 25
2.14
3.05
0.266
0.133
EETED2E561EA
680
22 x 45
2.42
3.45
0.219
0.099
EETED2D681BA
680
25 x 45
2.42
3.45
0.219
0.099
EETED2E681CA
25 x 35
2.42
3.45
0.219
0.099
EETED2D681CA
30 x 35
2.42
3.45
0.219
0.099
EETED2E681DA
30 x 30
2.42
3.45
0.219
0.099
EETED2D681DA
35 x 30
2.42
3.45
0.219
0.110
EETED2E681EA
820
22 x 50
2.63
3.76
0.182
0.082
EETED2D821BA
820
30 x 40
2.63
3.76
0.182
0.082
EETED2E821DA
25 x 40
2.63
3.76
0.182
0.082
EETED2D821CA
35 x 35
2.63
3.76
0.182
0.091
EETED2E821EA
30 x 30
2.63
3.76
0.182
0.082
EETED2D821DA
1000
30 x 50
2.84
4.06
0.149
0.067
EETED2E102DA
35 x 25
2.63
3.76
0.182
0.091
EETED2D821EA
35 x 40
2.84
4.06
0.149
0.067
EETED2E102EA
1000
25 x 45
2.84
4.06
0.149
0.067
EETED2D102CA
1200
35 x 45
3.13
4.47
0.124
0.062
EETED2E122EA
30 x 35
2.84
4.06
0.149
0.067
EETED2D102DA
1500
35 x 50
3.56
5.08
0.099
0.050
EETED2E152EA
35 x 30
2.84
4.06
0.149
0.067
EETED2D102EA
1200
30 x 40
3.13
4.47
0.124
0.062
EETED2D122DA
82
22 x 25
0.80
1.14
1.617
0.728
EETED2G820BA
35 x 35
3.13
4.47
0.124
0.062
EETED2D122EA
100
22 x 30
0.91
1.30
1.326
0.597
EETED2G101BA
1500
30 x 50
3.56
5.08
0.099
0.050
EETED2D152DA
25 x 25
0.91
1.30
1.326
0.597
EETED2G101CA
35 x 40
3.56
5.08
0.099
0.050
EETED2D152EA
120
22 x 35
1.02
1.46
1.105
0.497
EETED2G121BA
1800
35 x 45
3.84
5.48
0.083
0.041
EETED2D182EA
25 x 30
1.02
1.46
1.105
0.497
EETED2G121CA
2200
35 x 50
4.12
5.89
0.068
0.033
EETED2D222EA
150
22 x 40
1.07
1.53
0.884
0.398
EETED2G151BA
25 x 30
1.07
1.53
0.884
0.398
EETED2G151CA
220
22 x 30
1.28
1.83
0.678
0.305
EETED2E221BA
30 x 25
1.07
1.53
0.884
0.398
EETED2G151DA
270
22 x 30
1.42
2.03
0.553
0.249
EETED2E271BA
180
22 x 45
1.12
1.60
0.737
0.332
EETED2G181BA
25 x 25
1.42
2.03
0.553
0.249
EETED2E271CA
25 x 35
1.12
1.60
0.737
0.332
EETED2G181CA
330
22 x 35
1.64
2.34
0.452
0.203
EETED2E331BA
30 x 30
1.12
1.60
0.737
0.332
EETED2G181DA
25 x 30
1.56
2.23
0.452
0.203
EETED2E331CA
220
22 x 50
1.42
2.03
0.603
0.271
EETED2G221BA
56 ~ 560µF
Common Code
Endurance:
3000 hours at +105°C with maximum specified ripple current (see page 6)
Capacitance Tolerance:
Dissipation Factor (120Hz, 20°C):
15% maximum (120Hz, +20°C)
220~2200 µF
*Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Rated Working Voltage:
Leakage Current:
Ripple Current Multipliers:
2
3√CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
PVC without top plate
Operating Temperature:
-40 ~ +105°C
-25 ~ +105°C
Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
D x L
Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
Size (mm)
250 VDC Working, 300 VDC Surge (continued)
(no suffix)
250 VDC Working, 300 VDC Surge
D
E
B
400 VDC Working, 450 VDC Surge
D x L
(Please see page 10 for details)
J
PET sleeve without plate
Size (mm)
TS-ED Series
105°C, 3000 hours
200 VDC Working, 250 VDC Surge
Nominal Capacitance:
Series
Insulation Options
6.3mm
200 ~ 250 VDC
400 ~ 450 VDC
Code
± 20%
35mm
30mm
25mm
22mm
C
A
PVC with top plate
Diameter / Terminal Code
# of pins:
pin length:
E
E
T
E
D
Ripple Current Frequency Factors
Frequency(Hz):
Multiplier:
50
0.71
60
0.78
100~120
1.0
1.2
1k
1.25
10k~
1.4
Ripple Current Ambient Temperature Factors*
≤45°C
2.35
60°C
70°C
85°C
Ambient Temperature:
Multiplier:
1.0
2.0
2.2
500
105°C
1.7
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - EETED2E821EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETED2E821EA PANASONIC-EETED2E821EA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
EETED2E821EA PANASONIC-EETED2E821EA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETED2E821EA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com