Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KU10R23NS Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # KU10R23NS
Description  SMD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

KU10R23NS Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  KU10R23NS Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd KU10R23NS Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd KU10R23NS Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd KU10R23NS Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Package:M2F
μA
MAX5
VD=190V
I
DRM
せん頭オフ電流
Off-
StateCurrent
mA
MI
N100
パルス測定
Pul
semeasurement
I
H
保持電流
Hol
di
ngCurrent
V
MAX3
I
T
=2A
VT
オン電圧
On-
StateVol
tage
pF
MAX90
f=1MHz,VD=50V,OSC=1Vrms
Cj
接合容量
Juncti
onCapaci
tance
V
MAX290
dv/dt=100V/
μs
VCL
クランピング電圧
Cl
ampi
ngVol
tage
面実装品(SMD)
電流制御型 KU シリーズ
TSSKUSERI
ES
外形図については新電元 Webサイト又は〈半導体製品一覧表〉をご参
照下さい。捺印表示については捺印仕様をご確認下さい。
For detai
l
s ofoutl
i
ne di
mensi
ons,refer to our web si
te or the
SemiconductorShortForm Catalog.Asforthemarking,referto
thespeci
fi
cati
on“Marki
ng,Termi
nalConnecti
on.
KU10R23NS
230V100A
■外形寸法図 OUTLINEDIMENSIONS
5.1
10S23
00 00
K10S
2300
Date code
ロット記号(例)
Control No.
管理番号(例)
Type No.
品名略号
Type No.
Date code
Marking(old)
単位
Uni
t
規格値
Rati
ngs
条 件
Condi
ti
ons
記号
Symbol
I
tem
-40~125
Tstg
保存温度
StorageTemperature
125
Tj
接合部温度
Juncti
onTemperature
V
190
VDRM
せん頭オフ電圧
MaxOff-
StateVol
tage
A
100
10/1000μs非繰り返し
10/1000μsNon-
repeti
ti
ve
I
TSM
せん頭サージ電流
SurgeOn-
StateCurrent
●電気的特性(指定のない場合 Tl=25℃/unlessotherwisespecified)
■定格表 RATINGS
●絶対最大定格 Absol
uteMaxi
mum Rati
ngs
(指定のない場合 Tl=25℃/unlessotherwisespecified)
単位:mm
特長
双方向特性
高速応答特性
サージ電流耐性大
Feat
ur
e
Bi
-
di
r
ect
i
onal
Hi
ghSpeedResponse
Lar
gesur
gecur
r
entcapaci
t
y
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
U1812012.06〉)


Similar Part No. - KU10R23NS

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
KU10R27NS SHINDENGEN-KU10R27NS Datasheet
126Kb / 4P
   SMD
KU10R29N SHINDENGEN-KU10R29N Datasheet
253Kb / 6P
   TSS KU Series
KU10R29NS SHINDENGEN-KU10R29NS Datasheet
126Kb / 4P
   SMD
More results

Similar Description - KU10R23NS

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
WEJT285W-2B1F-2D3 WINNERJOIN-WEJT285W-2B1F-2D3 Datasheet
561Kb / 10P
   SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com