Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAC30U-050 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAC30U-050
Description  20-30W Universal 3-Wire Input Desktop Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC30U-050 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAC30U-050_14 Datasheet HTML 1Page - Phihong USA Inc. PSAC30U-050_14 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Type text]
PSAC30U Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Rating
100 to 240VAC
AC Input Voltage Range
90 to 264VAC
AC Input Current
0.8A (RMS) maximum at 120VAC
0.5A (RMS) maximum at 240VAC
In-rush Current
60A maximum at 100VAC
100A maximum at 240VAC
AC Input Frequency
47 to 63Hz
Leakage Current
3.5mA maximum at 254VAC, 50Hz
Input Power Saving
<0.3W maximum
OUTPUT
Output Power
30W
Efficiency
Meets level V Efficiency Marking
78.6% min. at 5V, 83.5% min at 12V, 24V and 56V
ENVIRONMENTAL:
Operating Temperature
0 to 40°C
Storage Temperature
-20 to 75°C
Operating Humidity
20 to 90%
EMI
FCC Class B
EN55022 Class B
Immunity
EN61000-4-2
Level 4
EN61000-4-3
Level 2
EN61000-4-4
Level 2
EN61000-4-5
Level 3
EN61000-4-6
Level 2
EN61000-4-8
Level 1
EN61000-4-11
High-pot Test
Input to output: 3000VAC, 10mA for 1 minute
Input to F.G.: 1500VAC, 10mA for 1 minute
Insulation Resistance
Input to Output: >7M ohm 500VDC
Input to F.G.: >7M ohm 500VDC
Over Current Protection
Auto restart without damage
Over Voltage Protection
160% maximum
Short Circuit Protection
Output can be shorted permanently without damage
MTBF
50K hours min at full load and 25°C ambient
AC Input Connector
IEC C14
DC Output Connector
5.5 x 2.1 x 10mm Center Positive Barrel
Dimension Diagram Unit: mm (inch)


Similar Part No. - PSAC30U-050_14

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC30U-050L6 PHIHONG-PSAC30U-050L6 Datasheet
119Kb / 2P
   20-30W Universal 3-Wire Input Desktop Adapter PSAC30U Adapter Meets Level VI Efficiency
PSAC30U-050L6 PHIHONG-PSAC30U-050L6 Datasheet
99Kb / 3P
   20-30W Universal 3-Wire Input Desktop Adapter
More results

Similar Description - PSAC30U-050_14

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC30U-050L6 PHIHONG-PSAC30U-050L6 Datasheet
99Kb / 3P
   20-30W Universal 3-Wire Input Desktop Adapter
PSAC30U-120L6 PHIHONG-PSAC30U-120L6 Datasheet
119Kb / 2P
   20-30W Universal 3-Wire Input Desktop Adapter PSAC30U Adapter Meets Level VI Efficiency
PSA31U-050 PHIHONG-PSA31U-050 Datasheet
324Kb / 2P
   20-30 Watt Universal 3-Wire Input Adapter
PSC30U-050 PHIHONG-PSC30U-050 Datasheet
129Kb / 2P
   20-30 Watt Universal 3-Wire Input Adapter
PSAA15W-050L6 PHIHONG-PSAA15W-050L6_17 Datasheet
174Kb / 3P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W-V PHIHONG-PSAA15W-V Datasheet
103Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W-050 PHIHONG-PSAA15W-050 Datasheet
126Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter
logo
Volgen Kaga Electronics...
KTPS90-2437 VOLGEN-KTPS90-2437 Datasheet
430Kb / 2P
   90 Watt Universal Input, Desktop Adapter
KTPS65-1543DT-3P-VI-C-P1 VOLGEN-KTPS65-1543DT-3P-VI-C-P1 Datasheet
546Kb / 3P
   65 Watt Universal Input, Desktop Adapter
KTPS36-0940DT-3P-VI-C-P1 VOLGEN-KTPS36-0940DT-3P-VI-C-P1 Datasheet
440Kb / 3P
   50 Watt Universal Input, Desktop Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com