Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSC12R-050 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSC12R-050
Description  10W to 12W Interchangeable Plug Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSC12R-050 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSC12R-050 Datasheet HTML 1Page - Phihong USA Inc. PSC12R-050 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSC12R Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Voltage Range
90 to 264V Ac
AC Input Frequency
47 to 63Hz
Input Current
0.5A (RMS) maximum at 120V AC
0.25A (RMS) maximum at 240V AC
Leakage Current
0.25mA maximum at 264V AC
Inrush Current
30A for 120V AC at maximum load
60A for 240V AC at maximum load
Input Power Saving
0.3W maximum at no load
Output:
Efficiency
Meets requirements for level V efficiency and Ecodesign
ErP Directive 2009/125/EC level 2 annex 1b
Ripple (Vp-p)
5V
200mV
9V
180mV
12V
240mV
Hold-up Time
10mS minimum at maximum load
Short-Circuit Protection
Output can be shorted permanently without damage
Over-Current Protection
Short circuit protection – auto-restart
Environmental:
Temperature
Operation
0 to +40°C
Non-operation
-40 to +85°C
Humidity
Non-Condensing 10 to 90%
Emissions
FCC Class B
EN55022 Class B
Immunity
EN61000-4-2
Level 3
EN61000-4-3
Level 2
EN61000-4-4
Level 2
EN61000-4-5
Level2
EN61000-4-6
Level3
EN61000-4-11
EN61000-3-2
Harmonic
EN61000-3-3
Flicker
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC 1 min., 10mA
DC Output Connector
2.1 x 5.5mm center positive standard
Mating Connector
Kycon KLD-0202-A or Equivalent
AC Input Clips (sold separately)
RPA: US
RPI: India
RPB: Brazil
RPK: UK
RPC: China
RPN: Argentina
RPE: Europe
RPS: Australia
RPH: Korea
RPS: IEC320 C8
Dimension Diagram Unit: mm


Similar Part No. - PSC12R-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC12R-050 PHIHONG-PSC12R-050 Datasheet
83Kb / 2P
   10W to 12W Interchangeable Plug Series
More results

Similar Description - PSC12R-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC12R-050 PHIHONG-PSC12R-050 Datasheet
83Kb / 2P
   10W to 12W Interchangeable Plug Series
PSM11R-050 PHIHONG-PSM11R-050 Datasheet
106Kb / 2P
   10W Interchangeable Plug Series
PSA11R-033 PHIHONG-PSA11R-033 Datasheet
89Kb / 2P
   10W Interchangeable Plug Series
logo
MORNSUN Science& Techno...
MU01205HA MORNSUN-MU01205HA Datasheet
421Kb / 5P
   12W AC/DC interchangeable Adapter
logo
SL Power Electronics
ME10 SLPOWER-ME10_16 Datasheet
599Kb / 4P
   10W-12W Single Output External Power
TE10 SLPOWER-TE10_16 Datasheet
806Kb / 5P
   10W-12W Single Output External Power
TE10 SLPOWER-TE10 Datasheet
739Kb / 4P
   10W-12W Single Output External Power
ME10 SLPOWER-ME10 Datasheet
655Kb / 4P
   10W-12W Single Output External Power Medical Series
logo
Phihong USA Inc.
PSAA30R-120 PHIHONG-PSAA30R-120_18 Datasheet
286Kb / 3P
   30W Interchangeable Plug Series
logo
Mean Well Enterprises C...
GEM12I MEANWELL-GEM12I Datasheet
169Kb / 4P
   12W AC-DC High Reliability Interchangeable Medical Adaptor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com