Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFM1A122 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFM1A122
Description  Aluminum Electrolytic Capacitors/ FM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFM1A122 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFM1A122 Datasheet HTML 1Page - Panasonic Semiconductor EEUFM1A122 Datasheet HTML 2Page - Panasonic Semiconductor EEUFM1A122 Datasheet HTML 3Page - Panasonic Semiconductor EEUFM1A122 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FM
– EEE-78 –
010
Sleeve
14 min.
3 min.
L
L 16 : L±1.5
L 20 : L±2.0
Pressure relief
06.3
+
08
0D±0.5
0D±0.5
Features
● Low impedance (40 % to 70 % less than FC Series)
● Endurance : 2000 h to 7000 h at +105 °C
● RoHS directive compliant
Radial Lead Type
Series:
FM Type: A
Specifications
Category Temp. Range
–40 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 50 V.DC
Nominal Cap. Range
22 μF to 6800 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV (μA) After 2 minutes
tan d
W.V.
6.3
10
16
25
35
50
(max.) (120 Hz/+20 °C)
tan d
0.22
0.19
0.16
0.14
0.12
0.10
Add 0.02 per 1000 μF for products of 1000 μF or more.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied. (The sum
of DC and ripple peak voltage shall not exceed the rated working voltage) when the capacitors
are restored to 20 °C, the capacitors shall meet the limits specified below.
Duration
05 to 06.3 : 2000 hours, 08×11.5 to 08×15: 3000 hours
08×20 to 010×16 : 4000 hours, 010×20 to 012.5×20/ 016×20: 5000 hours
012.5×25 to 012.5×35/ 016×25 : 7000 hours
Capacitance change ±25 % of initial measured value (6.3 V to 10 V : ±30 %)
tan
d
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
W.V.(V.DC)
Cap (μF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 50
22
to
33
0.45
0.55
0.75
0.90
1.00
47
to
330
0.60
0.70
0.85
0.95
1.00
390
to
1000
0.65
0.75
0.90
0.98
1.00
1200
to
6800
0.75
0.80
0.95
1.00
1.00
Frequency correction factor for ripple current
Body Dia. 0D5
6.3
8
10
12.5
16
Body Length L
———
12.5 to 25
30 to 40
Lead Dia. 0d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead space F
2.0
2.5
3.5
5.0
5.0
7.5
Attention
Not applicable for automotive
Dimensions in mm (not to scale)
(Unit : mm)
01 May. 2014


Similar Part No. - EEUFM1A122

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM1A122 PANASONIC-EEUFM1A122 Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
EEUFM1A122 PANASONIC-EEUFM1A122 Datasheet
79Kb / 4P
   Aluminum Electrolytic Capacitors
EEUFM1A122 PANASONIC-EEUFM1A122 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEUFM1A122 PANASONIC-EEUFM1A122 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1A122 PANASONIC-EEUFM1A122 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
More results

Similar Description - EEUFM1A122

ManufacturerPart #DatasheetDescription
logo
Pacific Silicon Sensor,...
EEU-FM1E222L PACIFIC-EEU-FM1E222L Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM
logo
Panasonic Semiconductor
EEU-FM1E331 PANASONIC-EEU-FM1E331 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1A471 PANASONIC-EEU-FM1A471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E101 PANASONIC-EEU-FM1E101 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1C152 PANASONIC-EEU-FM1C152 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1V151B PANASONIC-EEU-FM1V151B Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1E471 PANASONIC-EEU-FM1E471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E221BJ PANASONIC-EEU-FM1E221BJ Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V471 PANASONIC-EEU-FM1V471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V331L PANASONIC-EEU-FM1V331L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com