Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P12F60HP2 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P12F60HP2
Description  Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P12F60HP2 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P12F60HP2 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P12F60HP2 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P12F60HP2 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P12F60HP2 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
MOSFET2012.06〉)
100
60
80
40
20
全損失減少率 − ケース温度
Power Derating - Case Temperature
Case Temperature Tc〔℃〕
12
24
20
16
出力特性
Typical Output Characteristics
05
10
20
15
Pulse measurement
Drain・Source Voltage VDS〔V〕
TC=25℃
TYP
VVGS
GS
==10
10VV
VGS=10V
8VV
8V
6VV
6V
VVGS
GS
==5
5VV
VGS=5V
Tc=150℃
Tc=100℃
Tc= 25℃
Tc=−55℃
伝達特性
Transfer Characteristics
Pulse measurement
Gate・Source Voltage VGS〔V〕
VDS=25V
TYP
12
24
20
26
05
10
20
15
ドレイン・ソース間オン抵抗 −ドレイン電流
Static Drain-Source On-state Resistance vs Drain Current
0.
0.
24
10
VGS=10V
Tc=25℃
TYP
Pulse measurement
Drain Current ID〔A〕
ドレイン・ソース間オン抵抗 − ケース温度
Static Drain-Source On-state Resistance vs Case Temperature
0.
−55
100
150
50
VGS=10V
TYP
Pulse measurement
Case Temperature Tc〔℃〕
IIDD==6
6A
A
ID=6A
−55
100
150
50
ゲートしきい値電圧 − ケース温度
Gate Threshold Voltage vs Case
Temperature
7
VDS=10V
ID=1mA
TYP
Pulse measurement
Case Temperature Tc〔℃〕
安全動作領域
Safe Operating Area
10
100
48
36
24
12
0.
01
0.
Tc=25℃
Single pulse
DC
DC
DC
10ms
10ms
10ms
1ms
1ms
1ms
100μs
100μs
100μs
10μs
10μs
10μs
Drain・Source Voltage VDS〔V〕
過渡熱抵抗
Transient Thermal Impedance
10
0.001
0.01
0.1
10−4
10−5
10−3 10−2 10−1 10
10
1010
Time t〔s〕
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
キャパシタンス特性
Capacitance Characteristics
10000
1000
100
10
Tc=25℃
f=1MHz
TYP
300
400
500
600
100
200
Drain・Source Voltage VDS〔V〕
VVGGSS
VGS
VVDS
DS
VDS
ゲートチャージ特性
500
300
400
200
100
Gate Charge Characteristics
05
10
20 25 30
40
35
15
ID=12A
TYP
Total Gate Charge Qg〔nC〕
VVDD
DD
==400
400V
200
200V
100
100V
VDD=400V
200V
100V
単発アバランシェエネルギー減少率 − チャネル温度
Single Avalanche Energy Derating vs Channel Temperature
100
80
60
40
20
50
100
150
Starting Channel Temperature Tch〔℃〕
VDD=100V
VGS=15V, −0V
Rg=270Ω
単発アバランシェ電流 −インダクタンス
Single Avalanche Current vs Inductive Load
50
10
0.1
0.01
0.1
10
100
Inductance L〔mH〕
EEAS
AS
==70
70mJ
mJ
EAS=70mJ
IIAS
AS
==12
12A
A
IAS=12A
EEAR
AR
7mJ
mJ
EAR7mJ
25
50
75
125
150
100
16
20
12
Power Dissipation
Power Dissipation
Limited
Limited
Power Dissipation
Limited
RRDS(
DS(on
on)Limited
Limited
(at VGS
VGS=10V
=10V)
RDS(on)Limited
(at VGS=10V)
10
600
100
1000
■特性図 CHARACTERI
STI
C DI
AGRAMS
P12F60HP2
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.


Similar Part No. - P12F60HP2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
P12F60HP2 ISC-P12F60HP2 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - P12F60HP2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com