Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQU8P10TU Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQU8P10TU
Description  P-Channel QFET짰 MOSFET -100 V, -6.6 A, 530 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU8P10TU Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQU8P10TU Datasheet HTML 1Page - Fairchild Semiconductor FQU8P10TU Datasheet HTML 2Page - Fairchild Semiconductor FQU8P10TU Datasheet HTML 3Page - Fairchild Semiconductor FQU8P10TU Datasheet HTML 4Page - Fairchild Semiconductor FQU8P10TU Datasheet HTML 5Page - Fairchild Semiconductor FQU8P10TU Datasheet HTML 6Page - Fairchild Semiconductor FQU8P10TU Datasheet HTML 7Page - Fairchild Semiconductor FQU8P10TU Datasheet HTML 8Page - Fairchild Semiconductor FQU8P10TU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2010 Fairchild Semiconductor Corporation
FQD8P10 / FQU8P10 Rev. C2
www.fairchildsemi.com
8
Mechanical Dimensions
Figure 17. TO251 (I-PAK), Molded, 3-Lead
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TO251-003


Similar Part No. - FQU8P10TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU8P10 FAIRCHILD-FQU8P10 Datasheet
662Kb / 9P
   100V P-Channel MOSFET
More results

Similar Description - FQU8P10TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQPF11N40CT FAIRCHILD-FQPF11N40CT Datasheet
709Kb / 10P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQB8P10TM FAIRCHILD-FQB8P10TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -8.0 A, 185 m廓
FQP11N40C FAIRCHILD-FQP11N40C Datasheet
709Kb / 10P
   FQP11N40C / FQPF11N40C N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQT5P10TF FAIRCHILD-FQT5P10TF Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -1.0 A, 1.05 廓
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com