Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQU9N25TU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQU9N25TU
Description  N-Channel QFET짰 MOSFET 250 V, 7.4A, 420廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU9N25TU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQU9N25TU Datasheet HTML 1Page - Fairchild Semiconductor FQU9N25TU Datasheet HTML 2Page - Fairchild Semiconductor FQU9N25TU Datasheet HTML 3Page - Fairchild Semiconductor FQU9N25TU Datasheet HTML 4Page - Fairchild Semiconductor FQU9N25TU Datasheet HTML 5Page - Fairchild Semiconductor FQU9N25TU Datasheet HTML 6Page - Fairchild Semiconductor FQU9N25TU Datasheet HTML 7Page - Fairchild Semiconductor FQU9N25TU Datasheet HTML 8Page - Fairchild Semiconductor FQU9N25TU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2000 Fairchild Semiconductor Corporation
FQD9N25 / FQU9N25 Rev. C1
www.fairchildsemi.com
4
 !   


















     
 
          
   ! "  #  $ % 

& 
 '       (    
    
  
 

 

 

    


    !     ! 











!  "   













 µ


 
 
 µ
$%&'&'&(%
&)&&*+,








-.&'/



   







 
 
 
 
 
 
 



0
1 (


#  "   















  

  


  

() *$$" &  +
',) *$$ 
 #$  
- .!   
#$  
/   
#$  
''# #$  

"



Similar Part No. - FQU9N25TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU9N25 FAIRCHILD-FQU9N25 Datasheet
724Kb / 9P
   250V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQU9N25 ISC-FQU9N25 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQU9N25TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQA8N90C-F109 FAIRCHILD-FQA8N90C-F109 Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com