Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232RL Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FT232RL
Description  Future Technology Devices International Ltd.
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232RL Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FT232RL Datasheet HTML 7Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 8Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 9Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 10Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 11Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 12Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 13Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 14Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
11
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.10
Clearance No.: FTDI# 38
Pin No.
Name
Type
Description
16
3V3OUT
Output
+3.3V output from integrated LDO regulator. This pin should be decoupled to
ground using a 100nF capacitor. The purpose of this output is to provide the
internal +3.3V supply to the USB transceiver cell and the internal 1.5kΩ pull up
resistor on USBDP. Up to 50mA can be drawn from this pin to power external logic if
required. This pin can also be used to supply the VCCIO pin.
19
VCC
PWR
+3.3V to +5.25V supply to the device core. (See Note 1).
24
AGND
PWR
Device analogue ground supply for internal clock multiplier.
Table 3.6 Power and Ground Group
Pin No.
Name
Type
Description
5, 12,
13, 23,
25, 29
NC
NC
No internal connection. Do not connect.
18
RESET#
Input
Active low reset. Can be used by an external device to reset the FT232R. If not
required can be left unconnected, or pulled up to VCC.
26
TEST
Input
Puts the device into IC test mode. Must be tied to GND for normal operation,
otherwise the device will appear to fail.
27
OSCI
Input
Input 12MHz Oscillator Cell. Optional – Can be left unconnected for normal
operation. (See Note 2).
28
OSCO
Output
Output from 12MHZ Oscillator Cell. Optional – Can be left unconnected for normal
operation if internal Oscillator is used. (See Note 2).
Table 3.7 Miscellaneous Signal Group
Pin
No.
Name
Type
Description
30
TXD
Output
Transmit Asynchronous Data Output.
31
DTR#
Output
Data Terminal Ready Control Output / Handshake Signal.
32
RTS#
Output
Request to Send Control Output / Handshake Signal.
2
RXD
Input
Receiving Asynchronous Data Input.
3
RI#
Input
Ring Indicator Control Input. When remote wake up is enabled in the internal EEPROM
taking RI# low (20ms active low pulse) can be used to resume the PC USB host
controller from suspend.
6
DSR#
Input
Data Set Ready Control Input / Handshake Signal.
7
DCD#
Input
Data Carrier Detect Control Input.
8
CTS#
Input
Clear To Send Control Input / Handshake Signal.
9
CBUS4
I/O
Configurable CBUS output only Pin. Function of this pin is configured in the device
internal EEPROM. Factory default configuration is SLEEP#. See CBUS Signal Options,
Table 3.9.
10
CBUS2
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal
EEPROM. Factory default configuration is TXDEN. See CBUS Signal Options, Table 3.9.


Similar Part No. - FT232RL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232RL FTDI-FT232RL Datasheet
795Kb / 29P
   Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
FT232RL FTDI-FT232RL Datasheet
254Kb / 13P
   Bit Bang Modes for the FT232R and FT245R
FT232RL FTDI-FT232RL Datasheet
1Mb / 40P
   Single chip USB to asynchronous serial data transfer interface
FT232RL-2000 FTDI-FT232RL-2000 Datasheet
774Kb / 43P
   USB UART IC - Single chip USB to asynchronous serial data transfer interface
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
   USB UART IC
More results

Similar Description - FT232RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
   Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com