Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC2A472EA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EETHC2A472EA
Description  Highly miniaturized version (30% smaller than HB series)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC2A472EA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EETHC2A472EA Datasheet HTML 1Page - Panasonic Semiconductor EETHC2A472EA Datasheet HTML 2Page - Panasonic Semiconductor EETHC2A472EA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aluminum Electrolytic Capacitors
TS-HC Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
15000
30 x 25
3.60
4.14
0.039
0.029
EETHC1E153DA
4700
25 x 35
3.00
3.45
0.071
0.053
EETHC1J472CA
18000
22 x 50
3.90
4.49
0.032
0.024
EETHC1E183BA
5600
22 x 50
3.30
3.80
0.059
0.044
EETHC1J562BA
25 x 40
3.90
4.49
0.032
0.024
EETHC1E183CA
25 x 40
3.30
3.80
0.059
0.044
EETHC1J562CA
30 x 30
3.90
4.49
0.032
0.024
EETHC1E183DA
30 x 30
3.30
3.80
0.059
0.044
EETHC1J562DA
35 x 25
3.90
4.49
0.032
0.024
EETHC1E183EA
35 x 25
3.30
3.80
0.059
0.044
EETHC1J562EA
22000
25 x 45
4.30
4.95
0.026
0.020
EETHC1E223CA
6800
25 x 45
3.60
4.14
0.049
0.037
EETHC1J682CA
30 x 35
4.30
4.95
0.026
0.020
EETHC1E223DA
30 x 35
3.60
4.14
0.049
0.037
EETHC1J682DA
35 x 30
4.30
4.95
0.026
0.020
EETHC1E223EA
35 x 30
3.60
4.14
0.049
0.037
EETHC1J682EA
27000
30 x 40
4.80
5.52
0.021
0.016
EETHC1E273DA
8200
30 x 40
3.90
4.49
0.040
0.030
EETHC1J822DA
35 x 35
4.80
5.52
0.021
0.016
EETHC1E273EA
35 x 35
3.90
4.49
0.040
0.030
EETHC1J822EA
33000
30 x 45
5.50
6.33
0.018
0.013
EETHC1E333DA
10000
30 x 45
4.40
5.06
0.033
0.025
EETHC1J103DA
35 x 40
5.50
6.33
0.018
0.014
EETHC1E333EA
35 x 40
4.40
5.06
0.033
0.025
EETHC1J103EA
39000
30 x 50
5.80
6.67
0.017
0.013
EETHC1E393DA
12000
30 x 50
4.80
5.52
0.028
0.021
EETHC1J123DA
35 x 45
5.80
6.67
0.017
0.014
EETHC1E393EA
35 x 45
4.80
5.52
0.028
0.022
EETHC1J123EA
47000
35 x 50
6.30
7.25
0.017
0.014
EETHC1E473EA
15000
35 x 50
5.40
6.21
0.022
0.018
EETHC1J153EA
4700
22 x 25
2.20
2.53
0.106
0.079
EETHC1V472BA
1200
22 x 25
1.50
1.73
0.235
0.176
EETHC1K122BA
5600
22 x 30
2.40
2.76
0.089
0.067
EETHC1V562BA
1500
22 x 30
1.70
1.96
0.188
0.141
EETHC1K152BA
25 x 25
2.40
2.76
0.089
0.067
EETHC1V562CA
25 x 25
1.70
1.96
0.188
0.141
EETHC1K152CA
6800
22 x 35
2.60
2.99
0.073
0.055
EETHC1V682BA
1800
22 x 35
1.80
2.07
0.157
0.117
EETHC1K182BA
8200
22 x 40
2.90
3.34
0.061
0.045
EETHC1V822BA
2200
22 x 40
2.10
2.42
0.128
0.096
EETHC1K222BA
25 x 30
2.90
3.34
0.061
0.045
EETHC1V822CA
25 x 30
2.10
2.42
0.128
0.096
EETHC1K222CA
10000
22 x 45
3.20
3.68
0.050
0.037
EETHC1V103BA
2700
22 x 45
2.40
2.76
0.104
0.078
EETHC1K272BA
25 x 35
3.20
3.68
0.050
0.037
EETHC1V103CA
25 x 35
2.40
2.76
0.104
0.078
EETHC1K272CA
30 x 25
3.20
3.68
0.050
0.037
EETHC1V103DA
30 x 25
2.40
2.76
0.104
0.078
EETHC1K272DA
12000
25 x 40
3.50
4.03
0.041
0.031
EETHC1V123CA
3300
22 x 50
2.60
2.99
0.085
0.064
EETHC1K332BA
30 x 30
3.50
4.03
0.041
0.031
EETHC1V123DA
25 x 40
2.60
2.99
0.085
0.064
EETHC1K332CA
35 x 25
3.50
4.03
0.041
0.031
EETHC1V123EA
30 x 30
2.60
2.99
0.085
0.064
EETHC1K332DA
15000
25 x 45
3.90
4.49
0.033
0.025
EETHC1V153CA
35 x 25
2.60
2.99
0.085
0.064
EETHC1K332EA
30 x 35
3.90
4.49
0.033
0.025
EETHC1V153DA
3900
25 x 45
3.00
3.45
0.072
0.054
EETHC1K392CA
35 x 30
3.90
4.49
0.033
0.025
EETHC1V153EA
30 x 35
3.00
3.45
0.072
0.054
EETHC1K392DA
18000
30 x 40
4.30
4.95
0.028
0.021
EETHC1V183DA
4700
25 x 50
3.30
3.80
0.060
0.045
EETHC1K472CA
35 x 35
4.30
4.95
0.028
0.021
EETHC1V183EA
30 x 40
3.30
3.80
0.060
0.045
EETHC1K472DA
22000
30 x 45
5.00
5.75
0.023
0.017
EETHC1V223DA
35 x 30
3.30
3.80
0.060
0.045
EETHC1K472EA
35 x 40
5.00
5.75
0.023
0.017
EETHC1V223EA
5600
30 x 45
3.70
4.26
0.050
0.038
EETHC1K562DA
27000
30 x 50
5.30
6.10
0.018
0.014
EETHC1V273DA
35 x 35
3.70
4.26
0.050
0.038
EETHC1K562EA
35 x 45
5.30
6.10
0.018
0.014
EETHC1V273EA
6800
30 x 50
3.90
4.49
0.041
0.031
EETHC1K682DA
33000
35 x 50
5.90
6.79
0.015
0.012
EETHC1V333EA
35 x 40
3.90
4.49
0.041
0.032
EETHC1K682EA
8200
35 x 45
4.50
5.18
0.034
0.027
EETHC1K822EA
2700
22 x 25
1.80
2.07
0.154
0.115
EETHC1H272BA
3300
22 x 30
2.00
2.30
0.126
0.094
EETHC1H332BA
820
22 x 25
1.40
1.61
0.303
0.197
EETHC2A821BA
3900
22 x 35
2.20
2.53
0.106
0.080
EETHC1H392BA
1200
22 x 30
1.80
2.07
0.207
0.135
EETHC2A122BA
25 x 25
2.20
2.53
0.106
0.080
EETHC1H392CA
25 x 25
1.80
2.07
0.207
0.135
EETHC2A122CA
4700
22 x 40
2.50
2.88
0.088
0.066
EETHC1H472BA
1500
22 x 35
2.10
2.42
0.166
0.108
EETHC2A152BA
25 x 30
2.50
2.88
0.088
0.066
EETHC1H472CA
25 x 30
2.10
2.42
0.166
0.108
EETHC2A152CA
5600
22 x 45
2.80
3.22
0.074
0.056
EETHC1H562BA
1800
22 x 40
2.30
2.65
0.138
0.090
EETHC2A182BA
25 x 35
2.80
3.22
0.074
0.056
EETHC1H562CA
25 x 35
2.30
2.65
0.138
0.090
EETHC2A182CA
30 x 25
2.80
3.22
0.074
0.056
EETHC1H562DA
30 x 25
2.30
2.65
0.138
0.090
EETHC2A182DA
6800
22 x 50
3.30
3.80
0.061
0.046
EETHC1H682BA
2200
22 x 45
2.60
2.99
0.113
0.073
EETHC2A222BA
25 x 40
3.30
3.80
0.061
0.046
EETHC1H682CA
25 x 40
2.60
2.99
0.113
0.073
EETHC2A222CA
30 x 30
3.30
3.80
0.061
0.046
EETHC1H682DA
30 x 30
2.60
2.99
0.113
0.073
EETHC2A222DA
35 x 25
3.30
3.80
0.061
0.046
EETHC1H682EA
35 x 25
2.60
2.99
0.113
0.073
EETHC2A222EA
8200
25 x 45
3.60
4.14
0.051
0.038
EETHC1H822CA
2700
25 x 45
2.90
3.34
0.092
0.060
EETHC2A272CA
30 x 35
3.60
4.14
0.051
0.038
EETHC1H822DA
30 x 35
2.90
3.34
0.092
0.060
EETHC2A272DA
10000
25 x 50
4.00
4.60
0.041
0.031
EETHC1H103CA
3300
25 x 50
3.20
3.68
0.075
0.049
EETHC2A332CA
30 x 40
4.00
4.60
0.041
0.031
EETHC1H103DA
30 x 40
3.20
3.68
0.075
0.049
EETHC2A332DA
35 x 30
4.00
4.60
0.041
0.031
EETHC1H103EA
35 x 30
3.20
3.68
0.075
0.049
EETHC2A332EA
12000
30 x 45
4.50
5.18
0.035
0.026
EETHC1H123DA
3900
30 x 45
3.60
4.14
0.064
0.043
EETHC2A392DA
35 x 35
4.50
5.18
0.035
0.028
EETHC1H123EA
35 x 35
3.60
4.14
0.064
0.043
EETHC2A392EA
15000
30 x 50
4.80
5.52
0.028
0.021
EETHC1H153DA
4700
30 x 50
3.80
4.37
0.053
0.038
EETHC2A472DA
35 x 40
4.80
5.52
0.028
0.022
EETHC1H153EA
35 x 40
3.80
4.37
0.053
0.037
EETHC2A472EA
18000
35 x 45
5.60
6.44
0.023
0.018
EETHC1H183EA
5600
35 x 45
4.20
4.83
0.044
0.031
EETHC2A562EA
6800
35 x 50
4.70
5.41
0.037
0.027
EETHC2A682EA
2200
22 x 25
2.00
2.30
0.151
0.113
EETHC1J222BA
2700
22 x 30
2.20
2.53
0.123
0.092
EETHC1J272BA
470
22 x 25
1.40
1.96
0.423
0.190
EETHC2C471BA
25 x 25
2.20
2.53
0.123
0.092
EETHC1J272CA
560
22 x 30
1.50
2.10
0.355
0.160
EETHC2C561BA
3300
22 x 35
2.50
2.88
0.100
0.075
EETHC1J332BA
680
22 x 30
1.70
2.38
0.293
0.132
EETHC2C681BA
3900
22 x 40
2.70
3.11
0.085
0.064
EETHC1J392BA
25 x 25
1.70
2.38
0.293
0.132
EETHC2C681CA
25 x 30
2.70
3.11
0.085
0.064
EETHC1J392CA
820
22 x 35
2.00
2.80
0.243
0.109
EETHC2C821BA
30 x 25
2.70
3.11
0.085
0.064
EETHC1J392DA
25 x 30
2.00
2.80
0.243
0.109
EETHC2C821CA
4700
22 x 45
3.00
3.45
0.071
0.053
EETHC1J472BA
1000
22 x 40
2.20
3.08
0.199
0.090
EETHC2C102BA
23
Size (mm)
Size (mm)
Max 105°C R.C. (Arms)
160 VDC Working, 200 VDC Surge
100 VDC Working, 125 VDC Surge
D x L
Max 105°C R.C. (Arms)
20°C ESR (Ω, max.)
20°C ESR (Ω, max.)
D x L
25 VDC Working, 32 VDC Surge (continued)
63 VDC Working, 79 VDC Surge (continued)
63 VDC Working, 79 VDC Surge
35 VDC Working, 44 VDC Surge
80 VDC Working, 100 VDC Surge
50 VDC Working, 63 VDC Surge


Similar Part No. - EETHC2A472EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
EETHC2A472EA PANASONICBATTERY-EETHC2A472EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series) Can vent construction
More results

Similar Description - EETHC2A472EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2W151CA PANASONIC-EET-HC2W151CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2W561EA PANASONIC-EET-HC2W561EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G821EA PANASONIC-EET-HC2G821EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G221DA PANASONIC-EET-HC2G221DA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
logo
Panasonic Battery Group
EETHC1A123BA PANASONICBATTERY-EETHC1A123BA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series) Can vent construction
logo
Panasonic Semiconductor
EET-HC2C222LA PANASONIC-EET-HC2C222LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EET-HC2G821LA PANASONIC-EET-HC2G821LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
logo
Coilcraft lnc.
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
logo
Murata Manufacturing Co...
PV37X100C01B00 MURATA1-PV37X100C01B00_V01 Datasheet
229Kb / 3P
   Smaller volume (about one-third) than 25-turn potentiometer
08/30/2022
PV37W203C01B00 MURATA1-PV37W203C01B00_V01 Datasheet
228Kb / 3P
   Smaller volume (about one-third) than 25-turn potentiometer
08/30/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com