Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT24C08A-USR-B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FT24C08A-USR-B
Description  Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C08A-USR-B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FT24C08A-USR-B Datasheet HTML 1Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 2Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 3Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 4Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 5Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
24C04A, 24C08A, 24C16A
DS3001M-page2
© 2009 Fremont Micro Devices Inc.
All these packaging types come in conventional or Pb-free certified.
VCC
WP
SCL
SDA
A2
A1
A0
GND
FT24C04A/08A/16A
1
2
3
4
8
7
6
5
8L DIP
8L SOP
8L TSSOP
SDA
WP
VCC
GND
FT24C04A/08A/16A
2
15
4
SOT-23-5
SCL
3
8L DFN
8L MSOP
TSOT-23-5
ABSOLUTE MAXIMUM RATINGS
Industrial operating temperature:
-40oC to 85oC
Storage temperature:
-50oC to 125oC
Input voltage on any pin relative to ground:
-0.3V to VCC + 0.3V
Maximum voltage:
8V
ESD protection on all pins:
>2000V
* Stresses exceed those listed under “Absolute Maximum Rating” may cause permanent damage to the device.
Functional operation of the device at conditions beyond those listed in the specification is not guaranteed. Prolonged
exposure to extreme conditions may affect device reliability or functionality.


Similar Part No. - FT24C08A-USR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C08A-USR-B ETC2-FT24C08A-USR-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results

Similar Description - FT24C08A-USR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C04A-USR-T ETC2-FT24C04A-USR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
Renesas Technology Corp
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com