Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ08L6X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SZ08L6X
Description  TinyLogic짰 UHS Two-Input AND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ08L6X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SZ08L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ08L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ08L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ08L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ08L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ08L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ08L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ08L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ08L6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ08 • Rev. 1.0.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
6.0
V
VIN
DC Input Voltage
-0.5
6.0
V
VOUT
DC Output Voltage
-0.5
6.0
V
VIN < -0.5V
-50
IIK
DC Input Diode Current
VIN > 6.0V
+20
mA
VOUT < -0.5V
-50
IOK
DC Output Diode Current
VOUT > 6V, VCC=GND
+20
mA
IOUT
DC Output Current
±50
mA
ICC or IGND
DC VCC or Ground Current
±50
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Junction Temperature Under Bias
+150
°C
TL
Junction Lead Temperature (Soldering, 10 Seconds)
+260
°C
SOT-23
200
SC70-5
150
MicroPak-6
130
PD
Power Dissipation at +85°C
MicroPak2-6
120
mW
Human Body Model, JESD22-A114
4000
ESD
Charged Device Model, JESD22-C101
2000
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
Supply Voltage Operating
1.65
5.50
VCC
Supply Voltage Data Retention
1.50
5.50
V
VIN
Input Voltage
0
5.5
V
VOUT
Output Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C
VCC at 1.8V, 2.5V ± 0.2V
0
20
VCC at 3.3V ± 0.3V
0
10
tr, tf
Input Rise and Fall Times
VCC at 5.0V ± 0.5V
0
5
ns/V
SOT-23
300
SC70-5
425
MicroPak-6
500
θ
JA
Thermal Resistance
MicroPak2-6
560
°C/W
Note:
1.
Unused inputs must be held HIGH or LOW. They may not float.


Similar Part No. - NC7SZ08L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ08L6X FAIRCHILD-NC7SZ08L6X Datasheet
105Kb / 8P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08L6X FAIRCHILD-NC7SZ08L6X Datasheet
611Kb / 12P
   TinyLogic UHS 2-Input AND Gate
logo
ON Semiconductor
NC7SZ08L6X ONSEMI-NC7SZ08L6X Datasheet
586Kb / 11P
   UHS Two-Input AND Gate
October-2017, Rev . 2
NC7SZ08L6X ONSEMI-NC7SZ08L6X Datasheet
508Kb / 13P
   TinyLogic UHS Two-Input AND Gate
April, 2022 ??Rev. 6
logo
Fairchild Semiconductor
NC7SZ08L6X FAIRCHILD-NC7SZ08L6X_09 Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
More results

Similar Description - NC7SZ08L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ08 FAIRCHILD-NC7SZ08_09 Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ32 FAIRCHILD-NC7SZ32_09 Datasheet
539Kb / 10P
   TinyLogic짰 UHS Two-Input OR Gate
NC7SZ00 FAIRCHILD-NC7SZ00_10 Datasheet
567Kb / 10P
   TinyLogic짰 UHS Two-Input NAND Gate
NC7SZ86 FAIRCHILD-NC7SZ86_09 Datasheet
603Kb / 10P
   TinyLogic짰 UHS Two-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SZ08 ONSEMI-NC7SZ08 Datasheet
586Kb / 11P
   UHS Two-Input AND Gate
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7SVL08 FAIRCHILD-NC7SVL08 Datasheet
628Kb / 9P
   TinyLogic짰 Low-ICCT Two-Input AND Gate
logo
ON Semiconductor
NC7SZ08 ONSEMI-NC7SZ08_V01 Datasheet
508Kb / 13P
   TinyLogic UHS Two-Input AND Gate
April, 2022 ??Rev. 6
logo
Fairchild Semiconductor
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
NC7SZ32 ONSEMI-NC7SZ32 Datasheet
263Kb / 12P
   UHS Two-Input OR Gate
August-2017, Rev . 2
NC7SZ02 ONSEMI-NC7SZ02 Datasheet
587Kb / 12P
   UHS Two-Input NOR Gate
December 2010 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com