Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV866752D250R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV866752D250R2G
Description  150 mA LDO Regulator with Enable, Reset and Early Warning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV866752D250R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV866752D250R2G Datasheet HTML 1Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 2Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 3Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 4Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 5Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 6Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 7Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 8Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCV8667
http://onsemi.com
4
GND
GND
RO
GND
GND
GND
GND
114
GND
SO−14
DT
EN
SO
SI
Vout
Vin
Figure 5. Pin Connections
(Top View)
SO−8
Vin
SI
EN
DT
Vout
SO
RO
GND
18
PIN FUNCTION DESCRIPTION
Pin No.
SO−8
Pin No.
SO−14
Pin Name
Description
3
1
EN
Enable Input; low level disables the IC.
4
2
DT
Reset Delay Time Select. Short to GND or connect to Vout to select time.
5
3, 4, 5, 6,
10, 11, 12
GND
Power Supply Ground.
6
7
RO
Reset Output. 30 kW internal Pull−Up resistor connected to Vout. RO goes Low when Vout
drops by more than 7% (typ.) from its nominal value
7
8
SO
Early Warning Output. 30 kW internal Pull−Up resistor connected to Vout. It can be used to
provide early warning of an impending reset condition. Leave open if not used.
8
9
Vout
Regulated Output Voltage. Connect 2.2 mF capacitor with ESR < 100 W to ground.
1
13
Vin
Positive Power Supply Input. Connect 0.1 mF capacitor to ground.
2
14
SI
Adjustable Early Warning Threshold: Sense Input; If not used, connect to Vout.
Preset Early Warning Threshold: Early Warning Adjust Input; connect RSI_ext against GND
to adjust Input Voltage Early Warning Threshold or leave unconnected. See Electrical
Characteristics Table and Application Information sections for more information.


Similar Part No. - NCV866752D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
NCV866710D250R2G ONSEMI-NCV866710D250R2G Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
More results

Similar Description - NCV866752D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8668 ONSEMI-NCV8668 Datasheet
247Kb / 18P
   Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com