Electronic Components Datasheet Search
Selected language     English  ▼


W01M Datasheet(PDF) 1 Page - Continental Device India Limited

Part No. W01M
Description  GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDIL [Continental Device India Limited]
Homepage  http://www.cdilsemi.com
Logo 

   
 1 page
background image
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
W005M - W10M
WOM
PLASTIC PACKAGE
Ratings at Ta=25
oC Ambient Temperature unless otherwise specified. Single phase, half wave,
60Hz, resistive or inductive load. For capacitive load, derate current by 20%
SYMBOL W005M W01M W02M W04M W06M W08M W10M UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Peak Forward Surge Current, 8.3ms single
half sine wave superimposed on rated load
(JEDEC method)
Rating for Fusing (t<8.3ms)
I
2t
A
2sec
VF
V
Maximum Reverse Current
at Ta=25
oC
µA
mA
TJ
oC
Tstg
oC
WOO5M -10M Rev141005E
DESCRIPTION
Maximum Average Forward Rectified Current
at Ta=25ºC
IR
Storage Temperature Range
- 55 to +150
10
1.0
A
1.5
50
IFSM
5.0
Operating Temperature Range
- 55 to +125
1.0
at Rated DC Blocking Voltage Per Element
Ta=100
oC
Maximum Forward Voltage Drop Per Element
at 1A
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl