Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAW005C Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # LAW005C
Description  LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LAW005C Datasheet(HTML) 8 Page - Lineage Power Corporation

  LAW005C Datasheet HTML 1Page - Lineage Power Corporation LAW005C Datasheet HTML 2Page - Lineage Power Corporation LAW005C Datasheet HTML 3Page - Lineage Power Corporation LAW005C Datasheet HTML 4Page - Lineage Power Corporation LAW005C Datasheet HTML 5Page - Lineage Power Corporation LAW005C Datasheet HTML 6Page - Lineage Power Corporation LAW005C Datasheet HTML 7Page - Lineage Power Corporation LAW005C Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LAW005-Series Power Modules; dc-dc Converters:
Data Sheet
36 Vdc to 75 Vdc Input; 5 W
April 2008
April 2008
ADS01-04
5EPS (Replaces ADS01-044EPS)
World W ide Headquarters
Lin eag e Po wer Co rp oratio n
30 00 Skyline D rive, Mesquite, T X 75149, U SA
+1-800-526-7819
(Outsid e U .S.A .: +1- 97 2-2 84 -2626)
www.line ag ep ower.co m
e-m ail: tech sup port1@lin ea gep ower.co m
A sia-Pacific Head qu art ers
T el: +65 6 41 6 4283
Eu ro pe, M id dle-East an d Afric a He ad qu arters
T el: +49 8 9 6089 286
Ind ia Head qu arters
T el: +91 8 0 28411633
Lineage Power reserves the right to make changes to the produc t(s) or information contained herein without notice. No liability is ass umed as a res ult of their use or
applic ation. No rights under any patent acc ompany the sale of any s uc h pr oduct(s ) or information.
© 2008 Lineage Power Corpor ation, (Mesquite, Texas ) All International Rights Res er ved.


Similar Part No. - LAW005C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAW51M OSRAM-LAW51M Datasheet
400Kb / 15P
   white SMD package, colorless clear silicone resin with optic
LAW57B OSRAM-LAW57B Datasheet
491Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LAW5AM OSRAM-LAW5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LAW5AP OSRAM-LAW5AP Datasheet
602Kb / 15P
   black SMD package, colorless clear silicone resin, silicone lense
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
   LCD Backlighting
More results

Similar Description - LAW005C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
General Semiconductor
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
   POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
   POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com