Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSRW-787R2LF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # PSRW-787R2LF
Description  500 mA Switching Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PSRW-787R2LF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PSRW-787R2LF Datasheet HTML 1Page - PEAK electronics GmbH PSRW-787R2LF Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PSRW-Series – PSRW-78xxLF – Switching Regulator – SIP3 – Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/2
PSRW-78xxLF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
Wide Input (See Table)
Filter
Capacitors
Input Reflected Ripple Current
35mA pk-pk
Output Specifications
Voltage Accuracy
± 3%
Short Circuit Protection
Indefinite (Automatic Recovery)
Line Regulation
± 1%
Load Regulation (10% - 100% load)
± 0.6%
Ripple and Noise (20Mhz bandwidth)
75 mV pk-pk
Temperature Coefficient
± 0.02% / °C
Capacitor Load
100 uF
General Specifications
Efficiency
See Table
Switching Frequency
120 - 800 kHz
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 4.5 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic (UL94V-0 rated)
Potting Material
Silicon (UL94V-0 rated)
Weight
~ 1.8 g, typ.
Environment Specifications
Operating Temperature
-40 to +60°C (for 100%)
Maximum Case Temperature
105°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection (10mm distance required)
EMC Characteristics
Radiated Emissions
EN55022 CLASS B
Conducted Emissions
EN55022 CLASS B
ESD
EN61000-4-2 Pref. Criteria A
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PSRW series is a family of cost effective 1.65~7.5W single output buck
DC-DC converters. These converters are encapsulated in a non conductive
black plastic 3-pin SIP case, continuous short circuit protection with
automatic restart, good line / load regulation and ultra low quiescence
current. Devices are filled up with flame retardant resin .Input voltages of
9~72, 14~72, 17~72, 20~72, and 36~72 with output voltage of 3.3, 5, 6.5,
7.2, 9 , 12 and 15Vdc. High performance features include high efficiency
operation up to 95%.
PSRW-SERIES
500 mA Switching Regulator
Wide Input
SIP3 Plastic Package
Non-Isolated & Non-Regulated
Low quiescence out current
Short Circuit Protection
Low Ripple and Noise
Rev.11-2010


Similar Part No. - PSRW-787R2LF

ManufacturerPart #DatasheetDescription
logo
Rohm
PSR ROHM-PSR Datasheet
1Mb / 9P
   Ultra low ohmic metal plate
PSR ROHM-PSR Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
logo
Mallory Sonalert Produc...
PSR-13N08A-SYQ MSPI-PSR-13N08A-SYQ Datasheet
120Kb / 1P
   Sales Outline Drawing
PSR-18N08A-JQ MSPI-PSR-18N08A-JQ Datasheet
114Kb / 1P
   Sales Outline Drawing
PSR-20F08S-YHQ MSPI-PSR-20F08S-YHQ Datasheet
123Kb / 1P
   Sales Outline Drawing
More results

Similar Description - PSRW-787R2LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PSRS-783R3LF PEAK-PSRS-783R3LF Datasheet
161Kb / 4P
   500 mA Switching Regulator
logo
ON Semiconductor
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com